Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
39
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.2.2 Serial Flash Interface
DLPC3470 controller uses an external SPI serial flash memory device for configuration support. The minimum
required size is dependent on the desired minimum number of sequences, CMT tables, and splash options while
the maximum supported is 16 Mb.
For access to flash, the DLPC3470 controller uses a single SPI interface operating at a programmable frequency
complying to industry standard SPI flash protocol. The programmable SPI frequency is defined to be equal to
180 MHz/N, where N is a programmable value between 5 to 127 providing a range from 36.0 to 1.41732 MHz.
Note that this results in a relatively large frequency step size in the upper range (for example, 36 MHz, 30 MHz,
25.7 MHz, 22.5 MHz, and so forth) and thus this must be taken into account when choosing a flash device.
The DLPC3470 controller supports two independent SPI device selects; however, the flash must be connected to
SPI device select zero (SPI0_CSZ0) because the boot routine is only executed from the device connected to
device select zero (SPI0_CSZ0). The boot routine uploads program code from flash to program memory, then
transfers control to an auto-initialization routine within program memory. The DLPC3470 controller asserts the
HOST_IRQ output signal high while auto-initialization is in progress, then drives it low to signal its completion to
the host processor. Only after auto-initialization is complete will the DLPC3470 controller be ready to receive
commands through I2C.
The DLPC3470 controller should support any flash device that is compatible with the modes of operation,
features, and performance as defined in Table 4 and Table 5.
Table 4. SPI Flash Required Features or Modes of Operation
FEATURE
DLPC3470 CONTROLLER REQUIREMENT
SPI interface width
Single
SPI protocol
SPI mode 0
Fast READ addressing
Auto-incrementing
Programming mode
Page mode
Page size
256 B
Sector size
4 KB sector
Block size
any
Block protection bits
0 = Disabled
Status register bit(0)
Write in progress (WIP) {also called flash busy}
Status register bit(1)
Write enable latch (WEN)
Status register bits(6:2)
A value of 0 disables programming protection
Status register bit(7)
Status register write protect (SRWP)
Status register bits(15:8)
(that is expansion status byte)
The DLPC3470 controller only supports single-byte status register R/W command execution, and thus may
not be compatible with flash devices that contain an expansion status byte. However, as long as expansion
status byte is considered optional in the byte 3 position and any write protection control in this expansion
status byte defaults to unprotected, then the device should be compatible with DLPC3470 controller .
To support flash devices with program protection defaults of either enabled or disabled, the DLPC3470 controller
always assumes the device default is enabled and goes through the process of disabling protection as part of the
boot-up process. This process consists of:
•
A write enable (WREN) instruction executed to request write enable, followed by
•
A read status register (RDSR) instruction is then executed (repeatedly as needed) to poll the write enable
latch (WEL) bit
•
After the write enable latch (WEL) bit is set, a write status register (WRSR) instruction is executed that writes
0 to all 8-bits (this disables all programming protection)
Prior to each program or erase instruction, the DLPC3470 controller issues:
•
A write enable (WREN) instruction to request write enable, followed by
•
A read status register (RDSR) instruction (repeated as needed) to poll the write enable latch (WEL) bit
•
After the write enable latch (WEL) bit is set, the program or erase instruction is executed
•
Note the flash automatically clears the write enable status after each program and erase instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com