Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments DLPC3470 Datasheet HTML 46Page - Texas Instruments DLPC3470 Datasheet HTML 47Page - Texas Instruments DLPC3470 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
44
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
CAIC can alternatively be used to increase the overall brightness of an image while holding the total power for all
LEDs constant. In summary, when CAIC is enabled CAIC can operate in one of two distinct modes:
•
Power Reduction Mode – holds overall image brightness constant while reducing LED power
•
Enhanced Brightness Mode – holds overall LED power constant while enhancing image brightness
Figure 25. CAIC Power Reduction Mode (for Constant Brightness)
8.3.2.7 Local Area Brightness Boost
Local area brightness boost (LABB), is an image processing algorithm that adaptively gains up regions of an
image that are dim relative to the average picture level. Some regions of the image will have significant gain
applied, and some regions will have little or no gain applied. LABB evaluates images frame by frame and derives
the local area gains to be used uniquely for each image. Since many images have a net overall boost in gain
even if some parts of the image get no gain, the overall perceived brightness of the image is boosted.
Figure 26 shows a split screen example of the impact of the LABB algorithm for an image that includes dark
areas.
Figure 26. Boosting Brightness in Local Areas of an Image
LABB works best when the decision about the strength of gains used is determined by ambient light conditions.
For this reason, there is an option to add an ambient light sensor which can be read by the DLPC3470 controller
during each frame. Based on the sensor readings, LABB will apply higher gains for bright rooms to help
overcome any washing out of images. LABB will apply lower gains in dark rooms to prevent over-punching of
images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com