Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Blue
LED
Blue
LED
Blue
LED
Blue
LED
Blue
LED
Blue
LED
Pat 23
Pat 0
Pat 1
Pat 1
Pat 0
Pat 23
Trigger Out 1
(Set Trigger)
Trigger Out 2
(Pattern Trigger)
VSYNC
Parallel Input
Displayed Pattern
Illuminator
[Frame N+1] PDATA 23:0
[Frame N+2] PDATA 23:0
tD2
tD2
tD2
tD2
tD2
tDark
tExposure
tDark
tExposure
tDark
tDark tExposure tDark tExposure
tDark
tExposure
tD1
tD1
tD2
35
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
•
1 × 8-bit pattern is displayed within input VSYNC
•
Pattern is configured for 10% dark time and 90% exposure time.
•
Green LED is configured to be ON for the patterns.
•
TRIG_OUT_1. TRIG_OUT_1 is configured as edge type and active high polarity. TRIG_OUT_1 delay (tD1) is
configured with respect to input VSYNC and is set once per input frame.
•
TRIG_OUT_2. TRIG_OUT_2 is also configured as edge type and active high polarity. TRIG_OUT_2 delay
(tD2) is configured with reference to start of the pattern and is set once per pattern within a frame.
8.3.1.1.2
1-Bit Monochrome Patterns
Similar to the 8-bit external pattern mode, the maximum supported input frame for 1-bit external pattern mode is
150 Hz. In 1-bit pattern mode each of the 24-bit inputs are treated as a separate binary pattern resulting in a
maximum of 24 patterns. The maximum pattern rate for each 1-bit pattern is 2 kHz.
The DLPC3470 controller firmware allows for the following user programmability:
•
Exposure time: Time during which a pattern is displayed.
•
Dark time: Time during which no pattern is displayed and the illumination is OFF.
•
Number of 1-bit patterns within a frame- Up to maximum of 24.
•
Illuminator: Illuminator that will be ON for each 1-bit pattern. User defined illuminator is auto selected for all
the patterns within a frame. User cannot select different illuminator for different 1-bit patterns within a frame.
•
Trigger: TRIG_OUT_1 and TRIG_OUT_2 signal configuration and delay.
Figure 18 shows a configuration with 24 × 1-bit patterns
Figure 18. 1 × 24-bit (Blue) Pattern Configurations
•
24x8-bit patterns are displayed within input VSYNC.
•
All 24 patterns are configured for tDark dark time and tExposure exposure time. The sum of dark time and
exposure time for the 24 patterns is always the same.
•
Blue LED is configured to be ON for each pattern.
•
TRIG_OUT_1. TRIG_OUT_1 is configured as edge type and active high polarity. TRIG_OUT_1 delay (tD1) is
configured with reference to input VSYNC and is set once per input frame. TRIG_OUT_2.
•
TRIG_OUT_2 is also configured as edge type and active high polarity. TRIG_OUT_2 delay (tD2) is configured
with reference to start of the pattern and is set once per pattern within a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com