Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 2 Page - Texas Instruments

  DLPC3470 Datasheet HTML 1Page - Texas Instruments DLPC3470 Datasheet HTML 2Page - Texas Instruments DLPC3470 Datasheet HTML 3Page - Texas Instruments DLPC3470 Datasheet HTML 4Page - Texas Instruments DLPC3470 Datasheet HTML 5Page - Texas Instruments DLPC3470 Datasheet HTML 6Page - Texas Instruments DLPC3470 Datasheet HTML 7Page - Texas Instruments DLPC3470 Datasheet HTML 8Page - Texas Instruments DLPC3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
2
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications....................................................... 15
6.1
Absolute Maximum Ratings .................................... 15
6.2
ESD Ratings............................................................ 15
6.3
Recommended Operating Conditions ..................... 16
6.4
Thermal Information ................................................ 16
6.5
Electrical Characteristics over Recommended
Operating Conditions ............................................... 17
6.6
Electrical Characteristics......................................... 18
6.7
Internal Pullup and Pulldown Characteristics.......... 20
6.8
High-Speed Sub-LVDS Electrical Characteristics... 20
6.9
Low-Speed SDR Electrical Characteristics............. 21
6.10
System Oscillators Timing Requirements ............. 22
6.11
Power-Up and Reset Timing Requirements ......... 22
6.12
Parallel Interface Frame Timing Requirements .... 23
6.13
Parallel Interface General Timing Requirements .. 24
6.14
BT656 Interface General Timing Requirements ... 25
6.15
Flash Interface Timing Requirements ................... 26
7
Parameter Measurement Information ................ 27
7.1
HOST_IRQ Usage Model ....................................... 27
7.2
Input Source............................................................ 28
8
Detailed Description ............................................ 31
8.1
Overview ................................................................. 31
8.2
Functional Block Diagram ....................................... 31
8.3
Feature Description................................................. 32
8.4
Device Functional Modes........................................ 49
9
Application and Implementation ........................ 50
9.1
Application Information............................................ 50
9.2
Typical Application ................................................. 50
10
Power Supply Recommendations ..................... 53
10.1
System Power-Up and Power-Down Sequence ... 53
10.2
DLPC3470 controller Power-Up Initialization
Sequence ................................................................. 56
10.3
DMD Fast PARK Control (PARKZ) ....................... 56
10.4
Hot Plug Usage ..................................................... 56
10.5
Maximum Signal Transition Time.......................... 56
11
Layout................................................................... 57
11.1
Layout Guidelines ................................................. 57
11.2
Layout Example .................................................... 62
12
Device and Documentation Support ................. 63
12.1
Device Support .................................................... 63
12.2
Receiving Notification of Documentation Updates 65
12.3
Community Resources.......................................... 65
12.4
Trademarks ........................................................... 65
12.5
Electrostatic Discharge Caution ............................ 65
12.6
Glossary ................................................................ 65
13
Mechanical, Packaging, and Orderable
Information ........................................................... 65
4 Revision History
DATE
REVISION
NOTES
April 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com