Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments DLPC3470 Datasheet HTML 46Page - Texas Instruments DLPC3470 Datasheet HTML 47Page - Texas Instruments DLPC3470 Datasheet HTML 48Page - Texas Instruments DLPC3470 Datasheet HTML 49Page - Texas Instruments DLPC3470 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
B
C
E
D
Video
Video
A
A
Pulse position changes
on alternate subframes
Both
shutters
off
Next
shutter
on
46
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
The period between DLPLink pulses alternates between the subframe period = D and the subframe period –D, where
D is the delta period.
Figure 28. 3D DLP Link Pulse Timing
Table 8. 3D Link Nominal Timing Table
HDMI Source
Reference
3D DMD SEQUENCE RATE
(Hz)
A
B
C
D
E
23.6
94.5
25
500
628
128
>2000
24.0
96
25
500
628
128
>2000
49.0
98
25
500
628
128
>2000
50.0
100
25
500
628
128
>2000
51.0
102
25
500
628
128
>2000
59.0
118
25
500
628
128
>2000
60.0
120
25
500
628
128
>2000
61.0
122
25
500
628
128
>2000
8.3.2.9 DMD (Sub-LVDS) Interface
The DLPC3470 controller ASIC DMD interface consists of a HS 1.8-V sub-LVDS output only interface with a
maximum clock speed of 600-MHz DDR and a LS SDR (1.8-V LVCMOS) interface with a fixed clock speed of
120 MHz. The DLPC3470 controller sub-LVDS interface supports a number of DMD display sizes, and as a
function of resolution, not all output data lanes are needed as DMD display resolutions decrease in size. With
internal software selection, the DLPC3470 controller also supports a limited number of DMD interface swap
configurations that can help board layout by remapping specific combinations of DMD interface lines to other
DMD interface lines as needed. Table 8 shows the four options available for the DLP2010 (.2 WVGA) DMD
specifically. Any unused DMD signal pairs should be left unconnected on the final board design.
Table 9. DLP2010 (.2 WVGA) DMD – ASIC to 4-Lane DMD Pin Mapping Options
DLPC3470 controller ASIC 4 LANE DMD ROUTING OPTIONS
DMD PINS
OPTION 1
Swap Control = x0
OPTION 2
Swap Control = x2
OPTION 3
Swap Control = x1
OPTION 4
Swap Control = x3
HS_WDATA_D_P
HS_WDATA_D_N
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_H_P
HS_WDATA_H_N
HS_WDATA_A_P
HS_WDATA_A_N
Input DATA_p_0
Input DATA_n_0
HS_WDATA_C_P
HS_WDATA_C_N
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_G_P
HS_WDATA_G_N
HS_WDATA_B_P
HS_WDATA_B_N
Input DATA_p_1
Input DATA_n_1
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_C_P
HS_WDATA_C_N
HS_WDATA_B_P
HS_WDATA_B_N
HS_WDATA_G_P
HS_WDATA_G_N
Input DATA_p_2
Input DATA_n_2
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_D_P
HS_WDATA_D_N
HS_WDATA_A_P
HS_WDATA_A_N
HS_WDATA_H_P
HS_WDATA_H_N
Input DATA_p_3
Input DATA_n_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com