Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 8Page - Texas Instruments DLPC3470 Datasheet HTML 9Page - Texas Instruments DLPC3470 Datasheet HTML 10Page - Texas Instruments DLPC3470 Datasheet HTML 11Page - Texas Instruments DLPC3470 Datasheet HTML 12Page - Texas Instruments DLPC3470 Datasheet HTML 13Page - Texas Instruments DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments DLPC3470 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
12
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions – GPIO Peripheral Interface(1) (continued)
PIN
I/O
DESCRIPTION(2)
NAME
NUMBER
GPIO_02
D14
B1
General purpose I/O 02 (hysteresis buffer). Options:
1.
SPI1_DOUT (output): Optional SPI1 data output signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_01
C15
B1
General purpose I/O 01 (hysteresis buffer). Options:
1.
SPI1_CLK (output): Optional SPI1 clock signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_00
C14
B1
General purpose I/O 00 (hysteresis buffer). Options:
1.
SPI1_DIN (input): Optional SPI1 data input signal.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com