Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments DLPC3470 Datasheet HTML 16Page - Texas Instruments DLPC3470 Datasheet HTML 17Page - Texas Instruments DLPC3470 Datasheet HTML 18Page - Texas Instruments DLPC3470 Datasheet HTML 19Page - Texas Instruments DLPC3470 Datasheet HTML 20Page - Texas Instruments DLPC3470 Datasheet HTML 21Page - Texas Instruments DLPC3470 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
18
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
I/O is high voltage tolerant; that is, if VCC = 1.8 V, the input is 3.3-V tolerant, and if VCC = 3.3 V, the input is 5-V tolerant.
(2)
ASIC pins: CMP_OUT; PARKZ; RESETZ; GPIO_00 through GPIO_19 have slightly varied VIH and VIL range from other 1.8-V I/O.
(3)
The number inside each parenthesis for the I/O refers to the type defined in Table 1.
6.6 Electrical Characteristics
(1) (2)
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
threshold voltage
I2C buffer (I/O type 7)
0.7 ×
VCC_INTF
(1)
V
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
1.17
3.6
1.8-V LVTTL (I/O type 1, 6)
identified below: (2)
CMP_OUT; PARKZ; RESETZ;
GPIO 0
→19
1.3
3.6
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
1.7
3.6
3.3-V LVTTL (I/O type 5, 9, 11,
12, 13)
2
3.6
VIL
Low-level input
threshold voltage
I2C buffer (I/O type 7)
–0.5
0.3 ×
VCC_INTF
V
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
–0.3
0.63
1.8-V LVTTL (I/O type 1, 6)
identified below: (2)
CMP_OUT; PARKZ; RESETZ;
GPIO_00 through GPIO_19
–0.3
0.5
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
–0.3
0.7
3.3-V LVTTL (I/O type 5, 9, 11,
12, 13)
–0.3
0.8
VCM
Steady-state
common mode
voltage
1.8 sub-LVDS (DMD high speed)
(I/O type 4)
0.8
0.9
1
mV
ǀVODǀ
Differential output
magnitude
1.8 sub-LVDS (DMD high speed)
(I/O type 4)
200
mV
VOH
High-level output
voltage
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
1.35
V
2.5-V LVTTL (I/O type 5, 9, 11,
12, 13)
1.7
3.3-V LVTTL (I/O type 5, 9, 11,
12, 13)
2.4
1.8 sub-LVDS – DMD high speed
(I/O type 4)
1
VOL
Low-level output
voltage
I2C buffer (I/O type 7)
VCC_INTF > 2 V
0.4
V
I2C buffer (I/O type 7)
VCC_INTF < 2 V
0.2 ×
VCC_INTF
1.8-V LVTTL (I/O type 1, 2, 3, 5,
6, 8, 9, 11, 12, 13)
0.45
2.5 V LVTTL (I/O type 5, 9, 11,
12, 13)
0.7
3.3 V LVTTL (I/O type 5, 9, 11,
12, 13)
0.4
1.8 sub-LVDS – DMD high speed
(I/O type 4)
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com