Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 16Page - Texas Instruments DLPC3470 Datasheet HTML 17Page - Texas Instruments DLPC3470 Datasheet HTML 18Page - Texas Instruments DLPC3470 Datasheet HTML 19Page - Texas Instruments DLPC3470 Datasheet HTML 20Page - Texas Instruments DLPC3470 Datasheet HTML 21Page - Texas Instruments DLPC3470 Datasheet HTML 22Page - Texas Instruments DLPC3470 Datasheet HTML 23Page - Texas Instruments DLPC3470 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
20%
80%
tF
tR
0V
+ Vod
- Vod
Vod
Differential Output Signal
(Note Vcm is removed when the signals are viewed differentially)
|Vod|
|Vod|
Vcm
Vcm(ûpp)
Vcm(ûss)
20
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The resistance is dependent on the supply voltage level applied to the I/O.
(2)
An external 8-kΩ pullup or pulldown (if needed) would work for any voltage condition to correctly pull enough to override any associated
internal pullups or pulldowns.
6.7 Internal Pullup and Pulldown Characteristics
see
(1) (2)
INTERNAL PULLUP AND PULLDOWN RESISTOR CHARACTERISTICS
VCCIO
MIN
MAX
UNIT
Weak pullup resistance
3.3 V
29
63
kΩ
2.5 V
38
90
kΩ
1.8 V
56
148
kΩ
Weak pulldown resistance
3.3 V
30
72
kΩ
2.5 V
36
101
kΩ
1.8 V
52
167
kΩ
(1)
Definition of VCM changes:
(2)
Note that VOD is the differential voltage swing measured across a 100-Ω termination resistance connected directly between the
transmitter differential pins. |VOD| is the magnitude of this voltage swing relative to 0. Rise and fall times are defined for the differential
VOD signal as follows:
6.8 High-Speed Sub-LVDS Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCM
Steady-state common mode voltage
0.8
0.9
1.0
V
VCM (Δpp)
(1)
VCM change peak-to-peak (during switching)
75
mV
VCM (Δss)
(1)
VCM change steady state
–10
10
mV
|VOD|
(2)
Differential output voltage magnitude
200
mV
VOD (Δ)
VOD change (between logic states)
–10
10
mV
VOH
Single-ended output voltage high
1.00
V
VOL
Single-ended output voltage low
0.80
V
tR
(2)
Differential output rise time
250
ps
tF
(2)
Differential output fall time
250
ps
tMAX
Max switching rate
1200
Mbps
DCout
Output duty cycle
45%
50%
55%
Txterm
(1)
Internal differential termination
80
100
120
Ω
Txload
100-Ω differential PCB trace
(50-Ω transmission lines)
0.5
6
inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com