Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 57Page - Texas Instruments DLPC3470 Datasheet HTML 58Page - Texas Instruments DLPC3470 Datasheet HTML 59Page - Texas Instruments DLPC3470 Datasheet HTML 60Page - Texas Instruments DLPC3470 Datasheet HTML 61Page - Texas Instruments DLPC3470 Datasheet HTML 62Page - Texas Instruments DLPC3470 Datasheet HTML 63Page - Texas Instruments DLPC3470 Datasheet HTML 64Page - Texas Instruments DLPC3470 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
61
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
These values apply to PCB routing only. They do not include any internal package routing mismatch associated with the DLPC3470
controller , the DMD.
(2)
DMD HS data lines are differential, thus these specifications are pair-to-pair.
(3)
Training is applied to DMD HS data lines, so defined matching requirements are slightly relaxed.
(4)
DMD LS signals are single ended.
(5)
Mismatch variance applies to high-speed data pairs. For all high-speed data pairs, the maximum mismatch between pairs should be 1
mm or less.
Table 15. High Speed PCB Signal Routing Matching Requirements(1)(2)(3)(4)
SIGNAL GROUP LENGTH MATCHING
INTERFACE
SIGNAL GROUP
REFERENCE SIGNAL
MAX MISMATCH(5)
UNIT
DMD
DMD_HS_WDATA_A_P
DMD_HS_WDATA_A_N
DMD_HS_CLK_P
DMD_HS_CLK_N
±0.1
(±25.4)
inch
(mm)
DMD_HS_WDATA_B_P
DMD_HS_WDATA_B_N
DMD_HS_WDATA_C_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_D_P
DMD_HS_WDATA_D_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_H_P
DMD_HS_WDATA_H_N
DMD
DMD_LS_WDATA
DMD_LS_RDATA
DMD_LS_CLK
±0.2
(±5.08)
inch
(mm)
DMD
DMD_DEN_ARSTZ
N/A
N/A
inch
(mm)
11.1.6 Number of Layer Changes
•
Single-ended signals: Minimize the number of layer changes
•
Differential signals: Individual differential pairs can be routed on different layers, but the signals of a given pair
should not change layers.
11.1.7 Stubs
•
Stubs should be avoided.
11.1.8 Terminations
•
No external termination resistors are required on DMD_HS differential signals.
•
The DMD_LS_CLK and DMD_LS_WDATA signal paths should include a 43-Ω series termination resistor
located as close as possible to the corresponding ASIC pins.
•
The DMD_LS_RDATA signal path should include a 43-Ω series termination resistor located as close as
possible to the corresponding DMD pin.
•
DMD_DEN_ARSTZ does not require a series resistor.
11.1.9 Routing Vias
•
The number of vias on DMD_HS signals should be minimized and should not exceed two.
•
Any and all vias on DMD_HS signals should be located as close to the ASIC as possible.
•
The number of vias on the DMD_LS_CLK and DMD_LS_WDATA signals should be minimized and not
exceed two.
•
Any and all vias on the DMD_LS_CLK and DMD_LS_WDATA signals should be located as close to the ASIC
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com