Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments DLPC3470 Datasheet HTML 43Page - Texas Instruments DLPC3470 Datasheet HTML 44Page - Texas Instruments DLPC3470 Datasheet HTML 45Page - Texas Instruments DLPC3470 Datasheet HTML 46Page - Texas Instruments DLPC3470 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
43
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 23. Input Pixels Example
Figure 24. Displayed Pixels After CAIC Processing
Figure 24 shows the gain that is applied to a color processing channel inside the DLPC3470 controller . CAIC will
also adjust the power for the R, G, and B LED. For each color channel of an individual frame, CAIC will
intelligently determine the optimal combination of digital gain and LED power. The decision regarding how much
digital gain to apply to a color channel and how much to adjust the LED power for that color is heavily influenced
by the software command settings sent to the DLPC3470 controller for configuring CAIC.
As CAIC applies a digital gain to each color channel independently, and adjusts each LED’s power
independently, CAIC also makes sure that the resulting color balance in the final image matches the target color
balance for the projector system. Thus, the effective displayed white point of images is held constant by CAIC
from frame to frame.
Since the R, G, and B channels can be gained up by CAIC inside the DLPC3470 controller , the LED power can
be turned down for any color channel until the brightness of the color on the screen is unchanged. Thus, CAIC
can achieve an overall LED power reduction while maintaining the same overall image brightness as if CAIC was
not used. Figure 25 shows an example of LED power reduction by CAIC for an image where the R and B LEDs
can be turned down in power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com