Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 47Page - Texas Instruments DLPC3470 Datasheet HTML 48Page - Texas Instruments DLPC3470 Datasheet HTML 49Page - Texas Instruments DLPC3470 Datasheet HTML 50Page - Texas Instruments DLPC3470 Datasheet HTML 51Page - Texas Instruments DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments DLPC3470 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
51
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
A
high
accuracy
3D
depth
capture
product
is
created
by
using
a
DLP
chipset
comprised
of
DLP2010/DLP2010NIR DMD, DLPC3470 controller and DLPA2000 PMIC/LED drive. The DLPC3470 simplifies
the pattern generation, the DLPA2000 provides the needed analog functions and DMD displays the required
patterns for accurate 3D depth capture.
In addition to the three DLP devices in the chipset, other components may be required to complete the
application. Minimally, a flash component is required to store patterns, the software, and the firmware in order to
control the DLPC3470 controller.
DLPC3470 controller supports any illumination source including IR light source (LEDs or VCSEL), UV light
source or visible light source (Red, Green or Blue LEDs or lasers).
For connecting the DLPC3470 controller to the host processing for receiving patterns or video data parallel
interface is used. Connect an I2C interface to the host processor to send commands to the DLPC3470 controller.
The only power supplies needed external to the projector are the battery (SYSPWR) and a regulated 1.8-V
supply. A single signal (PROJ_ON) controls the entire DLP system power. When PROJ_ON is high, the DLP
system turns on and when PROJ_ON is low, the DLPC3470 turns off and draws only a few microamperes of
current on SYSPWR. When PROJ_ON is low, the 1.8-V power supply can remain at 1.8 V for use by other sub
systems. When PROJ_ON is low, the DLPA2000 draws no current on the 1.8-V supply.
9.2.1.2 Detailed Design Procedure
For connecting the DLP2010 or DLP2010NIR DMD, the DLPC3470 controller and the DLPA2000 PMIC/LED
driver see the reference design schematic. An example board layout is included in the reference design data
base. Follow the layout guidelines shown in Layout to achieve reliable DLP system results.
9.2.1.3 Application Curve
9.2.2 3D Depth Sensor DLP Using Internal Pattern Streaming Mode
Figure 32 shows a typical 3D depth capture system block diagram using internal pattern streaming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com