Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 17Page - Texas Instruments DLPC3470 Datasheet HTML 18Page - Texas Instruments DLPC3470 Datasheet HTML 19Page - Texas Instruments DLPC3470 Datasheet HTML 20Page - Texas Instruments DLPC3470 Datasheet HTML 21Page - Texas Instruments DLPC3470 Datasheet HTML 22Page - Texas Instruments DLPC3470 Datasheet HTML 23Page - Texas Instruments DLPC3470 Datasheet HTML 24Page - Texas Instruments DLPC3470 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
21
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
VILD(AC) min applies to undershoot.
(2)
VIHD(AC) max applies to overshoot.
(3)
Signal group 1 output slew rate for rising edge is measured between VILD(DC) to VIHD(AC).
(4)
Signal group 1 output slew rate for falling edge is measured between VIHD(DC) to VILD(AC).
(5)
Signal group 1: See Figure 1.
(6)
Signal groups 2 and 3 output slew rate for rising edge is measured between VILD(AC) to VIHD(AC).
6.9 Low-Speed SDR Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
ID
TEST CONDITIONS
MIN
MAX
UNIT
Operating voltage
VCC18 (all signal groups)
1.64
1.96
V
DC input high voltage
VIHD(DC)
Signal group 1
All
0.7 × VCC18
VCC18 + 0.5
V
DC input low voltage(1)
VILD(DC)
Signal group 1
All
–0.50
0.3 × VCC18
V
AC input high voltage(2)
VIHD(AC)
Signal group 1
All
0.8 × VCC18
VCC18 + 0.5
V
AC input low voltage
VILD(AC)
Signal group 1
All
–0.5
0.2 × VCC18
V
Slew rate (3)(4)(5)(6)
Signal group 1
1
3.0
V/ns
Signal group 2
0.25
Signal group 3
0.5
Figure 1. Low Speed (LS) I/O Input Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com