Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 7Page - Texas Instruments DLPC3470 Datasheet HTML 8Page - Texas Instruments DLPC3470 Datasheet HTML 9Page - Texas Instruments DLPC3470 Datasheet HTML 10Page - Texas Instruments DLPC3470 Datasheet HTML 11Page - Texas Instruments DLPC3470 Datasheet HTML 12Page - Texas Instruments DLPC3470 Datasheet HTML 13Page - Texas Instruments DLPC3470 Datasheet HTML 14Page - Texas Instruments DLPC3470 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions – GPIO Peripheral Interface(1) (continued)
PIN
I/O
DESCRIPTION(2)
NAME
NUMBER
GPIO_08
G14
B1
General purpose I/O 08 (hysteresis buffer). Options:
1.
(All) Normal mirror parking request (active low): To be driven by the PROJ_ON output of the host. A
logic low on this signal will cause the DLPC3470 controller to PARK the DMD, but it will not power
down the DMD (the DLPA2000 device does that instead). The minimum high time is 200 ms. The
minimum low time is also 200 ms.
GPIO_07
F15
B1
General purpose I/O 07 (hysteresis buffer). Options:
1.
Display: LABB output sample and hold sensor control signal (Output)
2.
Light Control: Reserved for TRIG_OUT_2 signal (Output).
3.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_06
F14
B1
General purpose I/O 06 (hysteresis buffer). Option:
1.
Light Control: Reserved for pattern ready signal (Output). Applicable in Internal Pattern Streaming
Mode only.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_05
E15
B1
General purpose I/O 05 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_04
E14
B1
General purpose I/O 04 (hysteresis buffer). Options:
1.
3D glasses control (output): intended to be used to control the shutters on 3D glasses (Left = 1, Right
= 0).
2.
SPI1_CSZ1 (active-low output): optional SPI1 device select 1 signal. An external pullup resistor is
required to deactivate this signal during reset and auto-initialization processes.
3.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
GPIO_03
D15
B1
General purpose I/O 03 (hysteresis buffer). Options:
1.
SPI1_CSZ0 (active low output): Optional SPI1 device select 0 signal. An external pullup resistor is
required to deactivate this signal during reset and auto-initialization processes.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com