Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments DLPC3470 Datasheet HTML 33Page - Texas Instruments DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
32
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Pattern Display
Pattern display is one of the key capabilities of the DLPC3470 display and light controller. When the DLPC3470
controller is configured for pattern display, video processing functions can be bypassed to allow for accurate
pattern display. For user flexibility and simple system design the DLPC3470 controller supports both external
pattern and internal pattern streaming modes. In external pattern streaming mode, patterns are sent to the
DLPC3470 controller over parallel interface. In internal pattern streaming mode, 1D patterns are pre-loaded in
flash memory and a host command is sent to DLPC3470 controller to display the patterns. Internal pattern mode
allows for a simple system design by eliminating the need for any external processor to generate and sent 1D
patterns to the DLPC3470 controller.
The DLPC3470 controller outputs two configurable Trigger Out signals and one external trigger signal to
synchronize patterns with a camera, sensor, or other peripherals.
Table 3. Pattern Display Signals
SIGNAL NAME
DESCRIPTION
TRIG_OUT_1
External Pattern Mode: Active during each input frame.
Internal Pattern Mode: Active during a predefined group of patterns.
TRIG_OUT_2
Active during display of each pattern.
TRIG_In
Active in Internal Pattern Display mode only. External trigger signal is used to advance to next patterns
in internal pattern mode.
8.3.1.1 External Pattern Mode
External pattern mode supports 8-bit and 1-bit monochrome or RGB patterns.
8.3.1.1.1
8-bit Monochrome Patterns
In 8-bit external pattern mode, the DLPC3470 controller supports up to 120-Hz input frame rate (VSYNC). In this
mode, the 24-bit input data sent over the parallel interface can be configured as a combination of 1 (8-bits), 2
(16-bits), or 3 (24-bits) 8-bit patterns. Equation 1 calculates the maximum pattern rate for 8-bit pattern.
150 Hz × 3 = 450 Hz
where
•
the maximum allowed input frame rate is 150 Hz
(1)
The DLPC3470 controller firmware allows for the following user programmability.
•
Exposure time: Time during which a pattern is displayed
•
Dark time: Time during which no pattern is displayed and the illumination is OFF
•
Number of 8-bit patterns within a frame: 1, 2 or 3
•
Illuminator: Illuminator that will be ON for each 8-bit pattern
•
Trigger: TRIG_OUT_1 and TRIG_OUT_2 signal configuration and delay
Figure 15 shows a configuration with 3 × 8-bit patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com