Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3470 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC3470 Datasheet HTML 1Page - Texas Instruments DLPC3470 Datasheet HTML 2Page - Texas Instruments DLPC3470 Datasheet HTML 3Page - Texas Instruments DLPC3470 Datasheet HTML 4Page - Texas Instruments DLPC3470 Datasheet HTML 5Page - Texas Instruments DLPC3470 Datasheet HTML 6Page - Texas Instruments DLPC3470 Datasheet HTML 7Page - Texas Instruments DLPC3470 Datasheet HTML 8Page - Texas Instruments DLPC3470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
If operation does not call for an external pullup and there is no external logic that might overcome the weak internal pulldown resistor,
then this I/O can be left open or unconnected for normal operation. If operation does not call for an external pullup, but there is external
logic that might overcome the weak internal pulldown resistor, then an external pulldown resistor is recommended to ensure a logic low.
(2)
External pullup resistor must be 8 kΩ, or less, for pins with internal pullup or down resistors.
(3)
If operation does not call for an external pullup and there is no external logic that might overcome the weak internal pulldown resistor,
then the TSTPT I/O can be left open/ unconnected for normal operation. If operation does not call for an external pullup, but there is
external logic that might overcome the weak internal pulldown resistor, then an external pulldown resistor is recommended to ensure a
logic low.
Pin Functions – Board Level Test, Debug, and Initialization
PIN
I/O
DESCRIPTION
NAME
NUMBER
HWTEST_EN
C10
I6
Manufacturing test enable signal. This signal should be connected directly to ground on the
PCB for normal operation.
PARKZ
C13
I6
DMD fast PARK control (active low Input) (hysteresis buffer). PARKZ must be set high to
enable normal operation. PARKZ should be set high prior to releasing RESETZ (that is, prior to
the low-to-high transition on the RESETZ input). PARKZ should be set low for a minimum of 32
µs before any power is removed from the DLPC3470 controller such that the fast DMD PARK
operation can be completed. Note for PARKZ, fast PARK control should only be used when
loss of power is eminent and beyond the control of the host processor (for example, when the
external power source has been disconnected or the battery has dropped below a minimum
level). The longest lifetime of the DMD may not be achieved with the fast PARK operation. The
longest lifetime is achieved with a normal PARK operation. Because of this, PARKZ is typically
used in conjunction with a normal PARK request control input through GPIO_08. The difference
being that when the host sets PROJ_ON low, which connects to both GPIO_08 and the
DLPA2000 device PMIC device , the DLPC3470 controller takes much longer than 32 µs to
park the mirrors. The DLPA2000 device holds on all power supplies, and maintains the
RESETZ voltage high, until the longer mirror parking has completed. This longer mirror parking
time, of up to 500 µs, ensures the longest DMD lifetime and reliability.
The DLPA2000 device monitors power to the DLPC3470 controller and detects an eminent
power loss condition and drives the PARKZ signal accordingly.
Reserved
P12
I6
TI internal use. Should be left unconnected.
Reserved
P13
I6
TI internal use. Should be left unconnected.
Reserved
N13(1)
O1
TI internal use. Should be left unconnected.
Reserved
N12(1)
O1
TI internal use. Should be left unconnected.
Reserved
M13
I6
TI internal use. Should be left unconnected.
Reserved
N11
I6
TI internal use. Should be left unconnected.
Reserved
P11
I6
TI internal use
This pin must be tied to ground, through an external 8-kΩ, or less, resistor for normal operation.
Failure to tie this pin low during normal operation will cause startup and initialization problems.
RESETZ
C11
I6
DLPC3470 controller power-on reset (active low input) (hysteresis buffer). Self-configuration
starts when a low-to-high transition is detected on RESETZ. All ASIC power and clocks must be
stable before this reset is de-asserted. Note that the following signals will be tri-stated while
RESETZ is asserted:
SPI0_CLK, SPI0_DOUT, SPI0_CSZ0,
SPI0_CSZ1, and GPIO(19:00)
External pullups or downs (as appropriate) should be added to all tri-stated output signals listed
(including bidirectional signals to be configured as outputs) to avoid floating ASIC outputs
during reset if connected to devices on the PCB that can malfunction. For SPI, at a minimum,
any device selects connected to the devices should have a pullup.
Unused bidirectional signals can be functionally configured as outputs to avoid floating ASIC
inputs after RESETZ is set high.
The following signals are forced to a logic low state while RESETZ is asserted and
corresponding I/O power is applied:
LED_SEL_0, LED_SEL_1 and DMD_DEN_ARSTZ
No signals will be in their active state while RESETZ is asserted.
Note that no I2C activity is permitted for a minimum of 500 ms after RESETZ (and PARKZ) are
set high.
TSTPT_0
R12
B1
Test pin 0 (includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ, and then driven as an output.
Normal use: reserved for test output. Should be left open for normal use.
Note: An external pullup should not be applied to this pin to avoid putting the DLPC3470
controller in a test mode.
Without external pullup (2)
Feeds TMSEL(0)
With external pullup(3)
Feeds TMSEL(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com