Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 49Page - STMicroelectronics STV82X8 Datasheet HTML 50Page - STMicroelectronics STV82X8 Datasheet HTML 51Page - STMicroelectronics STV82X8 Datasheet HTML 52Page - STMicroelectronics STV82X8 Datasheet HTML 53Page - STMicroelectronics STV82X8 Datasheet HTML 54Page - STMicroelectronics STV82X8 Datasheet HTML 55Page - STMicroelectronics STV82X8 Datasheet HTML 56Page - STMicroelectronics STV82X8 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
53/157
STV82x8
Register List
12.3
STV82x8 General Control Registers
CUT_ID
Version Identification
RESET
Software Reset Register
Description
The built-in Automatic Standard Recognition System (Autostandard) can be disabled. In this case,
the Software Reset function (bits SOFT_LRST1 and SOFT_LRST2) can be used to implement the
DAC Control
DAC_CONTROL
F7h
0001 1111
0
0
SPDIF_
MUX
DAC_SCAR
T_MUTE
DAC_SHP_
MUTE
DAC_CSUB
_MUTE
DAC_LSLR
_MUTE
POWER_
UP
DAC_SW_CHANNELS
F8h
0000 0000
C_SUB_SW[1:0]
SUR_HP_SW[1:0]
SCART_SW[1:0]
SPDIF_SW[1:0]
SPDIF_SW_CHANNELS
F9h
0000 0000
0
0
0
0
DELAY_SW[1:0]
L_R_SW[1:0]
AutoStandard Coefficients Settings
AUTOSTD_FSM
FAh
0000 0000
0
0
0
0
FSM_STATE
AUTOSTD_COEFF_CTR
L
FBh
0000 0001
0
0
0
0
0
0
AUTOSTD_COEFF_
CTRL[1:0]
AUTOSTD_COEFF_IND
EX_MSB
FCh
0000 0000
0
0
0
0
0
0
0
AUTOSTD_
COEFF_IN
DEX_MSB
AUTOSTD_COEFF_IND
EX_LSB
FDh
0000 0000
AUTOSTD_COEFF_INDEX_LSB[7:0]
AUTOSTD_COEFF_VAL
UE
FEh
0000 0000
AUTOSTD_COEFF_VALUE[7:0]
PATCH_VERSION
FFh
0000 0000
PATCH_VERSION[7:0]
Address: 00h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
CUT_NUMBER[5:0]
Bit Name
Reset
Function
Bits[7:6]
00
Reserved
CUT_NUMBER[5:0]
000001 Dice Version Identification
Address: 01h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BUS_EXP
I2S_CO_EN
I2S_DO_EN
EN_STBY
CLOCK_DOW
N
0
SOFT_LRST1
SOFT_RST
Table 8: List of I²C Registers (Sheet 5 of 5)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com