Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics STV82X8 Datasheet HTML 64Page - STMicroelectronics STV82X8 Datasheet HTML 65Page - STMicroelectronics STV82X8 Datasheet HTML 66Page - STMicroelectronics STV82X8 Datasheet HTML 67Page - STMicroelectronics STV82X8 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
Register List
STV82x8
64/157
CAROFFSET1
Channel 1 DCO Carrier Offset Compensation
CHANNEL_GAIN
Demodulator channel gain
Bit Name
Reset
Function
SQTH1[7:0]
00111100
The squelch detector measures the level of high frequency noise (> 40 kHz) and compares it to
the threshold level (SQTH). If the level is below this value, the S/N of the FM signal is
considered to be acceptable. Values are given for FM with standard deviation.
SQTH
S/N (dB)
FAh
0
77h
10
3Ch
15 (Default)
23h
20
19h
25
Address: 22h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CAROFFSET1[7:0] (S)
Bit Name
Reset
Function
CAROFFSET1[7:0]
00000000
This value is used to correct the carrier frequency offset of the incoming IF signal. Automatic
frequency control in FM mode can be implemented by registers DC_REMOVAL_L and
DC_REMOVAL_R.
A DCO frequency offset (in two’s complement format) is added to the pre-programming value
by AUTOTSD in the CARFQ1 registers (corresponding to the standard IF carrier frequency).
The programmable carrier offset ranges from -192 kHz to +190.5 kHz with a resolution of
1.5 kHz.
For standard FM deviation, the value displays by DC_REMOVAL_L and DC_REMOVAL_R can
be directly loaded in CAROFFSET1 to exactly compensate the carrier offset on Channel 1
Address:45h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
CH_GAIN[1:0]
Bit Name
Reset
Function
Bits[7:2]
000000
Reserved.
CH_GAIN[1:0]
10
Channel 1 Gain after the FM Demodulation
00: Gain
01: Gain * 2
10: Gain*4 (Default)
11: Gain *8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com