Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 67Page - STMicroelectronics STV82X8 Datasheet HTML 68Page - STMicroelectronics STV82X8 Datasheet HTML 69Page - STMicroelectronics STV82X8 Datasheet HTML 70Page - STMicroelectronics STV82X8 Datasheet HTML 71Page - STMicroelectronics STV82X8 Datasheet HTML 72Page - STMicroelectronics STV82X8 Datasheet HTML 73Page - STMicroelectronics STV82X8 Datasheet HTML 74Page - STMicroelectronics STV82X8 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
71/157
STV82x8
Register List
SCART3_OUTPUT_CTRL
SCART 3 Input Selection and Mute
I2SO_DATA_CTRL
I2S Data Source Control
Address: 58h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
SC3_MUTE
SC3_OUTPUT_SEL[2:0]
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
SC3_MUTE
1
Mute command for the output SCART 3
0: output not muted
1: output muted
SC3_OUTPUT_SE
L[2:0]
011
Selection of the output SCART 3 configuration:
000: DSP
100: Input SCART 3 (res. SDIP 64)
001: Input Mono
101: Input SCART 4 (res. SDIP 64)
010: Input SCART 1 (B SDIP)
110: Input SCART (res. TQFP) (A SDIP64) (1_BIS)
011: Input SCART 2 (Default) (res. SDIP 64)111: Input SCART (5 TQFP 100) (C SDIP 64) (3_BIS)
Address: 59h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
I2SO_DATA1_CTRL[2:0]
0
I2SO_DATA0_CTRL[2:0]
Bit Name
Reset
Function
Bit [7]
0
Reserved.
I2SO_DATA1_CTRL
[2:0]
000
Source Selection for I2SO_DATA1 Output
000: Mute
100: SCART DAC
001: LR
101: S/PDIF_OUT
010: HP_LSS
110: Delay
011: LS_C and LS_SUB
111: Mute
Bit [3]
0
Reserved.
I2SO_DATA0_CTRL
[2:0]
000
Source Selection for I2SO_DATA0 Output
000: Mute
100: SCART DAC
001: LR
101: S/PDIF_OUT
010: HP_LSS
110: Delay
011: LS_C and LS_SUB
111: Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com