Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 46Page - STMicroelectronics STV82X8 Datasheet HTML 47Page - STMicroelectronics STV82X8 Datasheet HTML 48Page - STMicroelectronics STV82X8 Datasheet HTML 49Page - STMicroelectronics STV82X8 Datasheet HTML 50Page - STMicroelectronics STV82X8 Datasheet HTML 51Page - STMicroelectronics STV82X8 Datasheet HTML 52Page - STMicroelectronics STV82X8 Datasheet HTML 53Page - STMicroelectronics STV82X8 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 157 page
background image
Register List
STV82x8
50/157
PRESCALE_I2S0
98h
0000 0000
0
PRESCALE_I2S0[6:0] (S)
PRESCALE_I2S1
99h
0000 0000
0
PRESCALE_I2S1[6:0] (S)
PRESCALE_I2S2
9Ah
0000 0000
0
PRESCALE_I2S2[6:0] (S)
PEAK_DETECTOR
9Bh
0000 0000
0
PEAK_L_R_RANGE[2:0]
PEAK_DET_INPUT[2:0]
PEAK_DET
ECTOR_ON
PEAK_L
9Ch
0(000 0000)
OVERLOAD
_L
PEAK_L[6:0]
PEAK_R
9Dh
0(000 0000)
OVERLOAD
_R
PEAK_R[6:0]
PEAK_L_R
9Eh
0(000 0000)
OVERLOAD
_L_R
PEAK_L_R[6:0
Matrixing
DOWNMIX_MODE
9Fh
0111 1111
LTRT_OUT_
MODE
MIX_OUT_MODE[2:0]
LFE_IN
MIX_IN_MODE[2:0]
DOWNMIX_DUAL_MOD
E
A0h
0000 0000
0
0
0
DUAL_ON
LS_DUAL_SELECT[1:0]
LTRT_DUAL_SELECT
[1:0]
DOWNMIX_CONFIG
A1h
0000 0001
0
0
SRND_FACTOR[1:0]
CENTER_FACTOR[1:0]
LR_UPMIX
NORMALIZ
E
AUDIO_MATRIX1
A2h
0001 0010
0
0
HP_OUT[2:0]
LS_OUT[2:0]
AUDIO_MATRIX2
A3h
0000 0010
0
0
SCART2_OUT[2:0]
SCART1_OUT[2:0]
AUDIO_MATRIX3
A4h
0001 0000
0
0
SPDIF_OUT[2:0]
DELAY_OUT[2:0]
CHANNEL_MATRIX_LS
A5h
0000 0010
AUTOSTD_
CONTROL_
LS
AUTOSTD_
CONTROL_
SPDIF
0
0
0
CM_MATRIX_LS[2:0]
CHANNEL_MATRIX_HP
A6h
0000 0000
AUTOSTD_
CONTROL_
HP
CM_SOURCE_HP[2:0]
CM_POSTION_HP[2:0]
CM_MATRIX_HP[2:0]
CHANNEL_MATRIX_SC
ART1
A7h
0000 0000
AUTOSTD_
CONTROL_
SCART1
CM_SOURCE_SCART1[
2:0]
CM_POSTION_SCART1[
2:0]
CM_MATRIX_SCART1[2:0]
CHANNEL_MATRIX_SC
ART2
A8h
0000 0000
AUTOSTD_
CONTROL_
SCART2
CM_SOURCE_SCART2[
2:0]
CM_POSTION_SCART2[
2:0]
CM_MATRIX_SCART2[2:0]
CHANNEL_MATRIX_SP
DIF
A9h
0000 0000
CM_SOURCE_SPDIF[3:0]
CM_POSTION_SPDIF[
2:0]
CM_MATRIX_SPDIF[2:0]
DEMOD_DC_LEVEL
AAh
(0000 0000)
DEMOD_DC_LEVEL[7:0] (S)
ABh
0000 0000
0
0
0
0
0
0
0
0
ACh
0000 0000
0
0
0
0
0
0
0
0
Audio Processing
AV_DELAY_CONFIG
ADh
0000 0000
0
0
0
0
0
0
DOLBY_DE
LAY_ON
AV_DELAY_
ON
AV_DELAY_TIME_LS
AEh
0000 0000
AV_DELAY_TIME_LS[7:0]
AV_DELAY_TIME_HP
AFh
0000 0000
AV_DELAY_TIME_HP[7:0]
PROLOGIC2_CONTROL
B0h
0111 0110
PL2_LFE
PL2_OUTPUT_DOWNMIX[2:0]
PL2_MODES[2:0]
PL2_ACTIV
E
PROLOGIC2_CONFIG
B1h
0000 0000
0
0
0
PL2_SRND_FILTER[1:0]
PL2_RS_P
OLARITY
PL2_PANO
RAMA
PL2_AUTO
BALANCE
PROLOGIC2_DIMENSIO
N
B2h
0000 0000
0
PL2_C_WIDTH[2:0]
0
PL2_DIMENSION[2:0]
PROLOGIC2_LEVEL
B3h
0000 0011
PL2_LEVEL[7:0]
NOISE_GENERATOR
B4h
0000 0000
10_DB_ATT
ENUATE
SRIGHT_
NOISE
SLEFT_
NOISE
SUB_
NOISE
CENTER_
NOISE
RIGHT_
NOISE
LEFT_
NOISE
NOISE_ON
PCM_SRND_DELAY
B5h
0000 0000
0
0
0
DOLBY_DELAY_SRND[4:0]
PCM_CENTER_DELAY
B6h
0000 0000
0
0
0
0
DOLBY_DELAY_CENTER[3:0]
Table 8: List of I²C Registers (Sheet 2 of 5)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com