Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 24Page - STMicroelectronics STV82X8 Datasheet HTML 25Page - STMicroelectronics STV82X8 Datasheet HTML 26Page - STMicroelectronics STV82X8 Datasheet HTML 27Page - STMicroelectronics STV82X8 Datasheet HTML 28Page - STMicroelectronics STV82X8 Datasheet HTML 29Page - STMicroelectronics STV82X8 Datasheet HTML 30Page - STMicroelectronics STV82X8 Datasheet HTML 31Page - STMicroelectronics STV82X8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 157 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x8
28/157
4.6.4
Bass Management Configuration 3
The third configuration, shown in Figure 16, assumes that all speakers except the center are full
range, then all bass information will be directed to and reproduced by the front left and front right
and both surround speakers. In order to provide more flexibility to this configuration, a switch will
offer an option which will produce a subwoofer channel by the LFE channel.
When the Subwoofer Switch is OFF, the input channels will be attenuated by 8 dB. Configuration 3
is required in certain high-end products.
Figure 16: Bass Management Configuration 3 (all switches indicate their reset state)
C
L
R
Ls
Rs
L
C
R
Ls
Rs
SubW
LFE
-4dB
-4.5dB
+
+
+
+
-8dB
-4dB
-8dB
-4dB
-8dB
-4dB
-8dB
-4dB
-8dB
-4dB
-8dB
+
+
+10dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
Subwoofer
ON Switch
Subwoofer
ON Switch
Level Adjustment
OFF Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com