Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 53Page - STMicroelectronics STV82X8 Datasheet HTML 54Page - STMicroelectronics STV82X8 Datasheet HTML 55Page - STMicroelectronics STV82X8 Datasheet HTML 56Page - STMicroelectronics STV82X8 Datasheet HTML 57Page - STMicroelectronics STV82X8 Datasheet HTML 58Page - STMicroelectronics STV82X8 Datasheet HTML 59Page - STMicroelectronics STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
57/157
STV82x8
Register List
FS1_DIV
FS1 I/O Divider Programming Register
FS1_MD
FS1 Coarse Selection Register
FS1_PE_H
FS1 Fine Selection Register (MSBs)
Address: 08h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EN_PROG
0
NDIV1[1:0]
0
SDIV1[2:0]
Bit Name
Reset
Function
EN_PROG
0
FS1 programmation enable
0: FS1 I2C registers programmation ignored by system - FS1 pre-programmed automatically by
SYS-CONFIG register (normal use with standard oscillator of 27 MHz)
1: FS1 I2C registers programmation used by system - FS1 pre-programmation by SYS-CONFIG
desactivated (to be used in case of no standard oscillator, other than 27 MHz)
Bit 6
0
Reserved.
NDIV1[1:0]
01
FS1 Input clock divider selection
Bit 3
0
Reserved.
SDIV1[2:0]
011
FS1 Output clock divider selection
Address: 09h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
MD1[4:0]
Bit Name
Reset
Function
Bits[7:5]
000
Reserved.
MD1[4:0]
10001
FS1 Coarse Selection
Address: 0Ah
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PE_H1[7:0]
Bit Name
Reset
Function
PE_H1[7:0]
0011
0110
FS1 Fine Selection (MSBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com