Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 40Page - STMicroelectronics STV82X8 Datasheet HTML 41Page - STMicroelectronics STV82X8 Datasheet HTML 42Page - STMicroelectronics STV82X8 Datasheet HTML 43Page - STMicroelectronics STV82X8 Datasheet HTML 44Page - STMicroelectronics STV82X8 Datasheet HTML 45Page - STMicroelectronics STV82X8 Datasheet HTML 46Page - STMicroelectronics STV82X8 Datasheet HTML 47Page - STMicroelectronics STV82X8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
I²C Interface
STV82x8
44/157
11
I²C Interface
11.1
I²C Address and Protocol
The STV82x8 I²C interface works in Slave mode and is fully compliant with I²C standards in Fast
mode (maximum frequency of 400 kHz). Two pairs of I²C chip addresses are used to connect two
STV82x8 chips to the same I²C serial bus. The device address pairs are defined by the polarity of
the ADR_SEL pin and are listed in the following table:
Protocol Description
● Write Protocol
● Read Protocol
● W = Write address,
● R = Read address,
● A = Acknowledge,
● N=No acknowledge.
● Sub-address is the register address pointer; this value auto-increments for both write and read.
Table 6: I²C Read/Write Addresses
ADR
Write Address (W)
Read Address (R)
LOW (connected to GND1)
80h
81h
HIGH (connected to VDD1)
84h
85h
Start
W
A
Sub-address
A
Data
A
....
A
Data
A
Stop
Start
W
A
Sub-address
A
Stop
Start
R
A
Data
A
....
A
Data
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com