Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 71Page - STMicroelectronics STV82X8 Datasheet HTML 72Page - STMicroelectronics STV82X8 Datasheet HTML 73Page - STMicroelectronics STV82X8 Datasheet HTML 74Page - STMicroelectronics STV82X8 Datasheet HTML 75Page - STMicroelectronics STV82X8 Datasheet HTML 76Page - STMicroelectronics STV82X8 Datasheet HTML 77Page - STMicroelectronics STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 157 page
background image
75/157
STV82x8
Register List
DSP_STATUS
DSP Status
DSP_RUN
DSP Configuration and Run
Address: 84h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00000
INIT_MEM
Bit Name
Reset
Function
Bits[7:1]
0000000 Reserved.
INIT_MEM
0
DSP Initialization
0:
DSP is not initialized.
1:
DSP is initialized.
Address: 85h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
TEST_MODE_
INPUT
TEST_MODE
INPUT_CONFIG
REGISTERS_
RESET
HOST_RUN
Bit Name
Reset
Function
Bits[7]
0
Reserved.
TEST_MODE_INP
UT
0
active in TEST_MODE = 1 (bypass processing)
0:
I2S_0 input -> L/R output
I2S_1 input -> C/LFE output
I2S_2 input -> Ls/Rs output
I2S_0 input -> SCART output (-6dB)
1:
I2S_0 input -> L/R output
I2S_0 input -> C/LFE output
I2S_0 input -> Ls/Rs output
I2S_0 input -> SCART output (-6dB)
TEST_MODE[5:4]
00
00: standard configuration
01: bypass processing configuration
10: Clock Loop test
11: Not Used
INPUT_CONFIG
00
00: BTSC + I2S SRC + I2S DELAY + ADC
01: BTSC + I2S 48K + I2S DELAY + ADC
10: Not Used
11: BTSC + MULTI I2S 48K + ADC
RESGISTERS_RE
SET
0
0:
I2C register table is not initialized when we soft reset
1:
I2C register table is initialized when we soft reset
HOST_RUN
0
0:
Soft Reset DSP
1:
Start DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com