Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 34Page - STMicroelectronics STV82X8 Datasheet HTML 35Page - STMicroelectronics STV82X8 Datasheet HTML 36Page - STMicroelectronics STV82X8 Datasheet HTML 37Page - STMicroelectronics STV82X8 Datasheet HTML 38Page - STMicroelectronics STV82X8 Datasheet HTML 39Page - STMicroelectronics STV82X8 Datasheet HTML 40Page - STMicroelectronics STV82X8 Datasheet HTML 41Page - STMicroelectronics STV82X8 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
I²S Interface (In / Out)
STV82x8
38/157
.
6.2.2
I²S Outputs in TQFP 100 Package
Two digital stereo outputs (I²S compatible) are available for routing the demodulated signal or a
converted input audio signal to an external device or perform an external delay. In this case, the
I2SO_DATA0 and I2SO_DATA1 signals are available with all I²S inputs active. The STV82x8 drives
the serial bus (I2SO_SCLK,I2SO_LR_CLK, I2SO_DATA0, and I2SO_DATA1) in master mode in
64.fs format with a sampling frequency (fs) of 48 kHz. The I2S_PCM_CLK signal can be used as a
master clock if required for the slave interface. Both standard and non-standard modes are
available. .
Figure 27: TQFP 80 I²S Output Block Diagram
Figure 28: TQFP100 I²S Output Block Diagram
Audio Processing
I2S_DATA0
fS Output = 48 kHz
I2S_SCLK
I2S_LR_CLK
fS Output = 48 kHz
fS Output * 64
48 kHz DSP
Processing
I2S_PCM_CLK
Audio Processing
I2SO_DATA0
fS Output = 48 kHz
I2SO_SCLK
I2SO_LR_CLK
fS Output = 48 kHz
fS Output * 64
48 kHz DSP
Processing
I2SO_DATA1
fS Output = 48 kHz
I2S_PCM_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com