Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics STV82X8 Datasheet HTML 82Page - STMicroelectronics STV82X8 Datasheet HTML 83Page - STMicroelectronics STV82X8 Datasheet HTML 84Page - STMicroelectronics STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics STV82X8 Datasheet HTML 87Page - STMicroelectronics STV82X8 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 157 page
background image
Register List
STV82x8
84/157
12.12 Audio PreProcessing & Selection
PRESCALE_DEMOD_MONO
Prescale for Demod MONO
PRESCALE_DEMOD_STEREO
Prescale for Stereo Demodulation
Address: 94h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PRESCALE_D
EMOD_SELEC
T_SAP
PRESCALE_DEMOD_MONO[6:0] (S)
Bit Name
Reset
Function
PRESCALE_DEMO
D_SELECT_SAP
0
Select the prescale value to apply on channel 0 (Mono/Stereo):
0:
Apply STEREO Prescale (95h) to the demodulated signal. To be used in case of STEREO
demodulation.
1:
Apply MONO Prescale (94h) on left channel and SAP Prescale (96h) on right channel to
the demodulated signal. To be used in case of MONO or SAP demodulation.
PRESCALE_DEMO
D_MONO[6:0]
000 0000
Set the prescale of the signal coming from the demodulator when MONO (Channel 0):
101 0000:
-12 dB
...
000 0000:
0 dB
000 0001:
0.5 dB
...
011 0000:
24 dB
Address: 95h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PRESCALE_DEMOD_STEREO[6:0] (S)
Bit Name
Reset
Function
Bits[7]
0
Reserved.
PRESCALE_DEMO
D_STEREO[6:0]
000 0000
Sets the prescale value of the Stereo signal coming from the demodulator (Channels 0 and 1):
101 0000:
-12 dB
...
000 0000:
0 dB
000 0001:
0.5 dB
...
011 0000:
24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com