Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 75Page - STMicroelectronics STV82X8 Datasheet HTML 76Page - STMicroelectronics STV82X8 Datasheet HTML 77Page - STMicroelectronics STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics STV82X8 Datasheet HTML 82Page - STMicroelectronics STV82X8 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
79/157
STV82x8
Register List
Note:
The time-out default value is optimum and does not normally need to be changed.
AUTOSTD_STATUS
Detection Standard Status
AUTOSTD_DEM_STATUS
Demodulator Status
Bit Name
Reset
Function
Bits [7:5]
000
Reserved
STEREO_TIME[2:0]
000
Stereo Detection Time-out
000:
20 ms (Default)
100:
400 ms
001:
40 ms
101:
800 ms
010:
100 ms
110:
1200 ms
011:
200 ms
111:
1600 ms
FM_TIME[1:0]
10
FM Detection Time-out
00: 16 ms
10: 48 ms (Default)
01: 32 ms
11: 64 ms
Address: 8Ch
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
SAP_OK
STEREO_OK
MONO_OK
AUTOSTD_ON
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
SAP_OK
0
SAP Standard Recognition Status
0:
SAP Standard not detected
1:
SAP Standard detected
STEREO_OK
0
Stereo Standard Recognition Status
0:
Stereo Standard not detected
1:
Stereo Standard detected
MONO_OK
0
Mono Standard Recognition Status
0:
Mono Standard not detected
1:
Mono Standard detected
AUTOSTD_ON
0
Automatic Standard Recognition System Status
0:
Automatic Standard Recognition System is OFF
1:
Automatic Standard Recognition System is ON
Address: 8Dh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
OVERFLOW
LCK_DET
ST_DET
SAP_SQ
SAP_DET
FM1_CAR
FM1_SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com