Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 42Page - STMicroelectronics STV82X8 Datasheet HTML 43Page - STMicroelectronics STV82X8 Datasheet HTML 44Page - STMicroelectronics STV82X8 Datasheet HTML 45Page - STMicroelectronics STV82X8 Datasheet HTML 46Page - STMicroelectronics STV82X8 Datasheet HTML 47Page - STMicroelectronics STV82X8 Datasheet HTML 48Page - STMicroelectronics STV82X8 Datasheet HTML 49Page - STMicroelectronics STV82X8 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
Register List
STV82x8
46/157
12
Register List
Note:
The unused bits (defined as ‘Reserved’) in the I²C registers must be kept to zero.
The system clock registers (from address 08h to 0Bh and from address 5Ah to 5Dh) do not need to
be modified if a standard 27 MHz crystal oscillator is used.
The default values of the demodulator registers (from address 0Ch to 55h) are for optimum
performances and any change is not recommended, except for:
● CAROFFSET1 (22h) to compensate IF carrier frequency with an out-of-standard offset.
● Soundlevel Prescaling PRESCALE_DEMOD_MONO (94h), PRESCALE_DEMOD_STEREO
(95h), PRESCALE_DEMOD_SAP (96h), PRESCALE_SCART (97h), PRESCALE_I2S0 (98H),
PRESCALE_I2S1 (99H), PRESCALE_I2S2 (9AH) to equalize demodulated or external audio
signal before audio processing.
● Peak detector registers PEAK_DETECTOR (9Bh), PEAK_L (9Ch), PEAK_R (9Dh),
PEAK_L_R (9Eh) can be used to measure internal sound level.
Sound source selection for each audio output channel to be done using AUDIO_MATRIX1 (A2h),
AUDIO_MATRIX2 (A3h) and AUDIO_MATRIX3 (A4h).
Register AUTOSTD_CTRL (8Ah) is used to select the list of mono, stereo and SAP signals to be
recognized automatically.
Note:
() used in reset value column means that the bit or the byte is read-only.
(S) symbol indicates that the field value is represented in signed binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com