Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 72Page - STMicroelectronics STV82X8 Datasheet HTML 73Page - STMicroelectronics STV82X8 Datasheet HTML 74Page - STMicroelectronics STV82X8 Datasheet HTML 75Page - STMicroelectronics STV82X8 Datasheet HTML 76Page - STMicroelectronics STV82X8 Datasheet HTML 77Page - STMicroelectronics STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
Register List
STV82x8
76/157
I2S_IN_CONFIG
I2S Configuration
Note:
This register must be set before the Start of the Software (85h: HOST_RUN = 1).
I2S_IN_SHIFT_RIGHT
I2S Shift Right
Note:
This register has to be set before the Start of the Software (0x85 : HOST_RUN = 1).
Address: 86h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOCK_MODE
_EN
RESET_I2S
SYNC
LRCLK_START
LRCLK_POLA
RITY
SCLK_POLAR
ITY
DATA_CFG
I2S_MODE
Bit Name
Reset
Function
LOCK_MODE_EN
1
0:
Disable Lock Mode for external I2S input
1:
Enable Lock Mode for external I2S input
RESET_I2S
0
Reset I2S input sync when set
SYNC
0
I2S Synchronisation:
0:
Direct Capture
1:
Wait for Sync signal
LRCLK_START
0
according to LRCLK POLARITY, first data take:
0:
Left
1:
Right
LRCLK_POLARITY
0
Polarity of the left data
SCLK_POLARITY
1
0:
Falling Edge
1:
Rising Edge
DATA_CFG
1
0:
LSB First
1:
MSB First
I2S_MODE
1
0:
Not Standard Mode
1:
Standard Mode
Address: 87h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
SHIFT_RIGHT_RANGE[4:0]
Bit Name
Reset
Function
Bits [7:5]
000
Reserved
SHIFT_RIGHT_RA
NGE[4:0]
01000
Define the shift right to apply to 32-bit input samples. Range: 0 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com