Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 83Page - STMicroelectronics STV82X8 Datasheet HTML 84Page - STMicroelectronics STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics STV82X8 Datasheet HTML 87Page - STMicroelectronics STV82X8 Datasheet HTML 88Page - STMicroelectronics STV82X8 Datasheet HTML 89Page - STMicroelectronics STV82X8 Datasheet HTML 90Page - STMicroelectronics STV82X8 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 157 page
background image
87/157
STV82x8
Register List
PEAK_DETECTOR
Peak Detector
PEAK_L
Peak Detector Left Channel
Address: 9Bh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PEAK_L_R_RANGE[2:0]
PEAK_DET_INPUT[2:0]
PEAK_DETEC
TOR_ON
Bit Name
Reset
Function
Bits[7]
0
Reserved.
PEAK_L_R_RANG
E[2:0]
000
Control the sensitivity of the “Left - Right” peak measurement (register 0x9E).
The difference between Left and Right signal is sometime very small (in case of mono input for
example), so we can multiply the “Left - Right” peak measurement in order to add precision:
000:
Left - Right
100:
(Left - Right) x 16
001:
(Left - Right) x 2
101:
(Left - Right) x 32
010:
(Left - Right) x 4
110:
(Left - Right) x 64
011:
(Left - Right) x 8
111:
(Left - Right) x 128
PEAK_DETECTOR
_INPUT[2:0]
000
Select the input on which the peak detector makes the measurement:
000:
demod signal
100:
SCART signal
001:
I2S0 signal
101:
reserved
010:
I2S1 signal
110:
reserved
011:
I2S2 signal
111:
reserved
PEAK_DETECTOR
_ON
0
Control the Peak detector:
0:
Peak detector OFF
1:
Peak detector ON
Address: 9Ch
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_L
PEAK_L[6:0] (S)
Bit Name
Reset
Function
OVERLOAD_L
0
This bit is set to 1 by the DSP when the Left peak detector reaches its maximum value (0x7F).
It can be reset to 0.
PEAK_L[6:0]
000 0000
Displays the Absolute Peak Level of the Left channel of the audio source selected. The measured
value is updated continuously every 64 ms. The range varies linearly from the full scale (0 dB)
down to 1/256 of the full scale (-48 dB).
000 0000:<-36dBFS
000 1111:-18dBFS
...
...
000 0001:-36dBFS
001 1111:-12dBFS
...
...
000 0011:-30dBFS
011 1111:-6dBFS
...
...
000 0111:-24dBFS
111 1111:0dBFS
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com