Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 91Page - STMicroelectronics STV82X8 Datasheet HTML 92Page - STMicroelectronics STV82X8 Datasheet HTML 93Page - STMicroelectronics STV82X8 Datasheet HTML 94Page - STMicroelectronics STV82X8 Datasheet HTML 95Page - STMicroelectronics STV82X8 Datasheet HTML 96Page - STMicroelectronics STV82X8 Datasheet HTML 97Page - STMicroelectronics STV82X8 Datasheet HTML 98Page - STMicroelectronics STV82X8 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
95/157
STV82x8
Register List
Bit Name
Reset
Function
CM_SOURCE_SPD
IF[2:0]
000
Select the source to copy on SPDIF channel. See table 7.
CM_POSITION_SP
DIF[1:0]
00
Select the position for the SPDIF matrix. See block diagram.
CM_MATRIX_SPDI
F[2:0]
0000
Select the matrixing for the SPDIF channels. See table 5.
Table 14: Channel Matrix Modes
Parameter
Coding (Bin)
Parameter Field Lebel
Function
000
BYPASS
Bypass Stereo Signal
001
LEFT ONLY
Copy Left Signal On Both Channels
010
RIGHT ONLY
Copy Right Signal On Both Channels
011
LEFT + RIGHT MIX
Copy (Left + Right)/2 On Both Channels
100
SWAP
Swap Channel (Left = Right, Right = Left)
101
-
Reserved
110
-
Reserved
111
-
Reserved
Table 15: Automatic Channel Matrix Modes
Standard
Detected by
Autostandard
MONO_SAP_CTRL_MATRIX
reg 0x8A, bit[6] value = 0
MONO_SAP_CTRL_MATRIX
reg 0x8A, bit[6] value = 1
Left Output
Right Output
Left Output
Right Output
Mono
Mono Signal
Mono Signal
Mono Signal
Mono Signal
Stereo
Left Signal
Right Signal
Left Signal
Right Signal
SAP
SAP Signal
SAP Signal
Mono Signal
SAP Signal
Table 16: Channel Matrix Source Selection
Parameter
Coding (Bin)
Parameter Field Lebel
Function
000
BYPASS
bypass stereo signal coming from Audiomatrix
001
LS Channels
copy signal from LS channels
010
HP Channels
copy signal from HP channels
011
C/Sub Channels
copy signal from C/Sub channels (ONLY
AVAILABLE ON SPDIF CHANNEL MATRIX)
100
Ls/Rs Channels
copy signal from Ls/Rs channels (ONLY
AVAILABLE ON SPDIF CHANNEL MATRIX)
101
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com