Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics STV82X8 Datasheet HTML 82Page - STMicroelectronics STV82X8 Datasheet HTML 83Page - STMicroelectronics STV82X8 Datasheet HTML 84Page - STMicroelectronics STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics STV82X8 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
83/157
STV82x8
Register List
DC_REMOVAL
DC Removal
DEEMPHASIS_CH
1[1:0]
00
Select the demmphasis for demodulator second channel :
00: No De-emphasis
10: 50 µs De-emphasis
01: 25 µs De-emphasis
11: 75 µs De-emphasis
DEEMPHASIS_CH
0[1:0]
00
Select the demmphasis for demodulator first channel :
00: No De-emphasis
10: 50 µs De-emphasis
01: 25 µs De-emphasis
11: 75 µs De-emphasis
Address: 93h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
DBX_FILTER_
SELECT
DEEMPHASIS
_FILTER_SEL
ECT
0
DC_DEMOD_
POST_ON
DC_DEMOD_
PRE_ON
DC_SCART_O
N
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
DBX_FILTER_SEL
ECT
1
Select the type of filter used in the DBX block
0:
1st Order Filter De-emphasis
1:
2nd Order Filter De-emphasis
DEMPHASIS_FILT
ER_SELECT
1
Select the type of filter used in the De-emphasis block
0:
1st Order Filter De-emphasis
1:
2nd Order Filter De-emphasis
Bit[3]
0
Reserved
DC_DEMOD_POST
_ON
0
Control the DC removal placed on the demod path, AFTER the DBX block:
0:
DC removal OFF
1:
DC Removal ON
DC_DEMOD_PRE_
ON
0
Control the DC removal placed on the demod path, BEFORE the DBX block:
0:
DC removal OFF
1:
DC Removal ON
DC_SCART_ON
0
Control the DC removal placed on the SCART path:
0:
DC removal OFF
1:
DC Removal ON
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com