Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 15Page - STMicroelectronics STV82X8 Datasheet HTML 16Page - STMicroelectronics STV82X8 Datasheet HTML 17Page - STMicroelectronics STV82X8 Datasheet HTML 18Page - STMicroelectronics STV82X8 Datasheet HTML 19Page - STMicroelectronics STV82X8 Datasheet HTML 20Page - STMicroelectronics STV82X8 Datasheet HTML 21Page - STMicroelectronics STV82X8 Datasheet HTML 22Page - STMicroelectronics STV82X8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
19/157
STV82x8
Digital Demodulator
3
Digital Demodulator
The Digital Demodulator (see Figure 10) consists of a channel demodulator and a stereo/SAP
decoder.
All channel parameters are programmed automatically by the built-in Automatic Standard
Recognition System (Autostandard) in order to find the STEREO or the SAP modes. Channel
parameters can also be programmed manually via the I²C interface for very specific standards not
included among the known standards.
3.1
Sound IF Signal
The Analog Sound Carrier IF is connected to the STV82x8 via the SIF pin. Before Analog-to-Digital
Conversion (ADC), an Automatic Gain Control (AGC) is performed to adjust the incoming IF signal
to the full scale of the ADC. A preliminary video rejection is recommended to optimize conversion
and demodulation performances. The AGC system provides a gain value allowing for a wide range
of SIF input levels.
The TQFP100 package provides a second SIF input.
3.2
Demodulation
The demodulation system operates by default in Automatic mode. In this mode, the STV82x8 is able
to identify and demodulate the BTSC TV sound standard including stereo and SAP modes
without any external control via the I²C interface.
The built-in Automatic Standard Recognition System (Autostandard) automatically programs
the appropriate bits in the I²C registers which are forced to Read-only mode for users.
STEREO and SAP modes can be removed (or added) from the List of modes to be recognized by
programming registers AUTOSTD_CTRL. The identified standard is displayed in register
AUTOSTD_STATUS and any change to standard is flagged to the host system via pin IRQ. This flag
Figure 10: Demodulator Block Diagram
Mixer
Channel
Filter
FIR1
FM
Demodulator
AGC
Control
SIF
DCO1+
A/D
CARFQ1 (12-14h)
AGC
Amp
Stereo/SAP
Demodulator
(L+R)* or mono*
(L-R)dbx or SAPdbx
DSP Processing
Deemphasis,
DBX decoding
and dematrixing
AUTOSTD
DETECTION
DEMOD_STAT(0Dh)
STEREO_SAP_STATUS(4Ch)
FIR1C (15-1Ch)
ACOEFF1(1Dh)
BCOEFF1(1Eh)
SAP_CONF(47h)
*: Pre-emphasis signal
dbx: DBX -encoded signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com