Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 32Page - STMicroelectronics STV82X8 Datasheet HTML 33Page - STMicroelectronics STV82X8 Datasheet HTML 34Page - STMicroelectronics STV82X8 Datasheet HTML 35Page - STMicroelectronics STV82X8 Datasheet HTML 36Page - STMicroelectronics STV82X8 Datasheet HTML 37Page - STMicroelectronics STV82X8 Datasheet HTML 38Page - STMicroelectronics STV82X8 Datasheet HTML 39Page - STMicroelectronics STV82X8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 157 page
background image
I²S Interface (In / Out)
STV82x8
36/157
6
I²S Interface (In / Out)
6.1
I²S Inputs
6.1.1
I²S Inputs in TQFP 80 Package
The STV82x8 can interface with a digital sound decoder. In this case, the digital data can be input
at a speed of 0.384 Mbytes/s (3.072 MHz for a 48 kHz sampling frequency with 32 bits of data).
A Sample Rate Conversion (SRC) is necessary if input frequency is not 48 kHz (STV82x8 slave) in
order to obtain a fixed frequency output from this block (48 kHz).
Note:
The SRC function is only available in single I²S input mode.
The interface with one I²S connection (I2S_DATA0) enables the input of stereo or stereo-coded
Dolby
® Pro Logic®.
One interface with three I²S connections connected to the DSP enables the processing of a multi-
channel signal (maximum of 6 channels).
Figure 25: TQFP 80 I²S Input Block Diagram
Audio Processing
I2S_DATA0
I2S_DATA1
I2S_DATA2
fS Input = 32 to 48 kHz
fS Input = 48 kHz only
fS Input = 48 kHz only
I2S_SCLK
I2S_LR_CLK
fS Input = 32 to 48 kHz
fS Input * 64
48 kHz DSP
Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com