Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 25Page - STMicroelectronics STV82X8 Datasheet HTML 26Page - STMicroelectronics STV82X8 Datasheet HTML 27Page - STMicroelectronics STV82X8 Datasheet HTML 28Page - STMicroelectronics STV82X8 Datasheet HTML 29Page - STMicroelectronics STV82X8 Datasheet HTML 30Page - STMicroelectronics STV82X8 Datasheet HTML 31Page - STMicroelectronics STV82X8 Datasheet HTML 32Page - STMicroelectronics STV82X8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 157 page
background image
29/157
STV82x8
Dedicated Digital Signal Processor (DSP)
4.6.5
Bass Management Configuration 4
This configuration implements the Simplified Dolby configuration. The center, left surround and right
surround channels are summed and then filtered by the LPF. The composite bass information is
either summed back into the left and right channels or summed with the LFE channel and sent to
the subwoofer output, see Figure 17.
4.7
SRS WOW and TruSurround XT
The SRS
® TruSurround XT™ is a processing system that can accept from 1 to 6 channels on input
and that will generate a 2-channel output signal.
This processing system includes the latest SRS
® algorithms:
● SRS
® WOW™
● SRS
® TruSurround® (Multi-channel signal virtualizer)
4.7.1
SRS TruSurround
The SRS
® TruSurround® is a processing that can accept from 2 to 5 channels on input and that will
generate a 2-channel output signal.
SRS
® TruSurround® uses Head-Related Transfer Function (HRTF) -based frequency tailoring of
(L/R) difference signals to extend the sound image out past the physical boundaries of the speaker
placements to surround channel information. These rear channel HRTF curves have much greater
peak to valley differences at center frequencies. These were chosen to cause rear channel
difference signals to virtualize farther behind the listener and directed to a different virtual position
as compared to front channel signals. Information that is equal (L+R) in the rear surround channels
Figure 17: Implementation of the Bass Management Configuration 4 (Simplified Configuration)
C
L
R
Ls
Rs
L
C
R
Ls
Rs
+
+
+
SubW
LFE
-5dB
-10.5dB
+
-4.5dB
Subwoofer
ON Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com