Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 44Page - STMicroelectronics STV82X8 Datasheet HTML 45Page - STMicroelectronics STV82X8 Datasheet HTML 46Page - STMicroelectronics STV82X8 Datasheet HTML 47Page - STMicroelectronics STV82X8 Datasheet HTML 48Page - STMicroelectronics STV82X8 Datasheet HTML 49Page - STMicroelectronics STV82X8 Datasheet HTML 50Page - STMicroelectronics STV82X8 Datasheet HTML 51Page - STMicroelectronics STV82X8 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
Register List
STV82x8
48/157
BTSC Stereo and SAP
STEREO_CONF
43h
00111000
LOCK_TH_STE[7:4]
LOOP_GAIN[1:0]
FREQ_PIL
RESET
STEREO_FSM_CONF
44h
00001110
0
0
BYPASS
FSM_OFF
GAIN_INI[2:0]
STE_DEM
STEREO_LEVEL_H
45h
00100000
STE_LEV_H[7:0]
STEREO_LEVEL_L
46h
00010000
STE_LEV_L[7:0]
SAP_CONF
47h
00000000
0
0
0
0
0
0
0
SAP_SEL
SAP_LEVEL_H
48h
00100000
SAP_LEV_H[7:0]
SAP_LEVEL_L
49h
00010000
SAP_LEV_L[7:0]
STE_CAR_LEVEL
4Ah
(00000000)
STE_CAR_LEV[7:0]
STE_PLL_STATUS
4Bh
(00000000)
0
0
LOOP_GAIN[3:0]
OVER
LOCK_DET
STE_DET
STEREO_SAP_STATUS
4Ch
(00000000)
0
OVER
LOCK_DET
STE_DET
0
0
SQ_DET
SAP_DET
PLL_P_GAIN
4Dh
01101100
PLL_P_GAIN[7:0]
PLL_I_GAIN
4Eh
0000011
0
0
0
0
PLL_I_GAIN[3:0]
SAP_SQ_TH
4Fh
00110000
SAP_SQ_TH[7:0]
Analog and I2S Out Control
I2S_ADC_CTRL
56h
0000 1000
I2S_DATA0_CTRL
0
ADC_
POWER_UP
ADC_INPUT_SEL[2:0]
SCART1_2_OUTPUT_CTRL
57h
1010 1000
SC2_MUTE
SC2_OUTPUT_SEL[2:0]
SC1_MUTE
SC1_OUTPUT_SEL[2:0]
SCART3_OUTPUT_CTRL
58h
0000 1011
0
0
0
0
SC3_MUTE
SC3_OUTPUT_SEL[2:0]
I2SO_DATA_CTRL
59h
0000 0000
0
I2SO_DATA1_CTRL
0
I2SO_DATA0_CTRL
Clocking 2
FS2_DIV
5Ah
0001 0001
0
NDIV2[1:0]
0
SDIV2[2:0]
FS2_MD
5Bh
0001 0001
0
0
0
MD2[4:0]
FS2_PE_H
5Ch
0101 1100
PE_H2[7:0]
FS2_PE_L
5Dh
0010 1001
PE_L2[7:0]
Table 7: List of I²C Registers (Sheet 2 of 2)
Name
Ad.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com