Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 58Page - STMicroelectronics STV82X8 Datasheet HTML 59Page - STMicroelectronics STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics STV82X8 Datasheet HTML 64Page - STMicroelectronics STV82X8 Datasheet HTML 65Page - STMicroelectronics STV82X8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
Register List
STV82x8
62/157
ACOEFF1
Channel 1 Baseband PLL Loop Filter Proportional
Coefficient
BCOEFF1
Channel 1 Baseband PLL Loop Filter Integral
Coefficient & DCO Gain
(*) Refer to DEMOD_CTRL (DEMOD_MODE[2:0])
FIR1C7[7:0]
1Bh
1Fh
4Ah
43h
4Dh
24h
Address: 1Dh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACOEFF1[7:0]
Bit Name
Reset
Function
ACOEFF1[7:0]
00100010
Used to program the Proportional Coefficient of the baseband PLL loop filter (Channel 1)
Defines the damping factor of the loop. For values, refer to Table 3.
Address: 1Eh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BCOEFF1[7:0]
Bit Name
Reset
Function
BCOEFF1[7:0]
00001001
Used to program the Integral Coefficient of the baseband PLL loop filter and DCO gain
Defines the bandwidth of the loop. For values, refer to Table 3.
Table 10: Baseband PLL Loop Filter Adjustment (FM Mode)
FM Mode
Small
Standard
Medium
Wide*
BTSC
ACOEFF
10h
22h
2Ch
2Ch
22h
BCOEFF
1Ah
12h
0Ah
0Ah
09h
FM_DEV max (kHz)
62.5
125
250
500
500
DCO Range (kHz)
96
192
384
768
768
Bitfield
Description
(reset state)
FM 27 kHz
FM 50 kHz
FM 200 kHz
FM 350 kHz
FM 500 kHz
BTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com