Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics STV82X8 Datasheet HTML 87Page - STMicroelectronics STV82X8 Datasheet HTML 88Page - STMicroelectronics STV82X8 Datasheet HTML 89Page - STMicroelectronics STV82X8 Datasheet HTML 90Page - STMicroelectronics STV82X8 Datasheet HTML 91Page - STMicroelectronics STV82X8 Datasheet HTML 92Page - STMicroelectronics STV82X8 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
89/157
STV82x8
Register List
12.13 Matrixing
DOWNMIX_MODE
Downmix Mode Configuration
Address: 9Fh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LT_RT_OUT_M
ODE
MIX_OUT_MODE[2:0]
LFE_IN
MIX_IN_MODE[2:0]
Bit Name
Reset
Function
LT_RT_OUT_MOD
E
0
Define to format for downmix Lt/Rt output:
0:
Lt/Rt Prologic compatible mode
1:
L/R stereo mode
MIX_OUT_MODE[
2:0]
111
Select output channels configuration for downmix:
see table 3.
LFE_IN
1
To select if LFE is inputed on I2S1 in multichannel input mode:
0:
No LFE on I2S1 input
1:
LFE on I2S1 input
MIX_IN_MODE[2:0]
111
Select input channels configuration for downmix:
see table 2.
Table 11: DownMix IN modes
Parameter
Coding (bin)
Parameter
Field Lebel
Function
000
MODE11
not used
001
MODE10
1/0 (C)
010
MODE20
2/0 (L,R)
011
MODE30
3/0 (L,R,C)
100
MODE21
2/1 (L,R,S)
101
MODE31
3/1 (L,R,C,S)
110
MODE22
2/2 (L,R,Ls,Rs)
111
MODE32
3/2 (L,R,C,Ls,Rs)
Table 12: DownMix OUT modes
Parameter
Coding (bin)
Parameter
Field Lebel
Function
000
MODE20t
2/0 Dolby Surround (Lt,Rt)
001
MODE10
1/0 (C)
010
MODE20
2/0 (L,R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com