Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 21Page - STMicroelectronics STV82X8 Datasheet HTML 22Page - STMicroelectronics STV82X8 Datasheet HTML 23Page - STMicroelectronics STV82X8 Datasheet HTML 24Page - STMicroelectronics STV82X8 Datasheet HTML 25Page - STMicroelectronics STV82X8 Datasheet HTML 26Page - STMicroelectronics STV82X8 Datasheet HTML 27Page - STMicroelectronics STV82X8 Datasheet HTML 28Page - STMicroelectronics STV82X8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 157 page
background image
25/157
STV82x8
Dedicated Digital Signal Processor (DSP)
normal home use. The ST WideSurround system exploits a method of phase shifting to achieve a
similar result using only two speakers. It restores spatiality by adding artificial phase differences.
The Surround/Pseudo-stereo mode is automatically selected by the Automatic Standard
Recognition System (Autostandard) depending on the detected stereo or mono source. By default,
“Movie” is selected for Surround mode. This value may be changed to “Music” by the
WIDESRND_MODE bit in the WIDESRND_CONTROL register.
Additional user controls are provided to better adapt the spatial effect to the source. The ST
WideSurround Gain (WIDESRND_LEVEL) and ST WideSurround Frequency (WIDESRND_FREQ)
registers can be used to enhance Music Predominancy in Music mode and Theater effect and Voice
Predominancy in Movie mode.
4.4
ST OmniSurround
STV82x8 offers a spatial virtualizer to output any multi-channel input in stereo on the Loudspeakers
path.
“ST OmniSurround” will recreate a multi-channel spatial sound environment using only the Left and
Right front speakers. It can be adapted to any input configuration (OMNISRND_INPUT_MODE).
ST Voice will allow you to enhance the voice content of your program to increase the intellegibility
and the presence of the sound.
4.5
Dolby Pro Logic II Decoder
Dolby
® Pro Logic II® is a matrix decoder that decodes the five channels of surround sound that
have been encoded onto the stereo sound tracks of Dolby
® Surround program material such as
DVD movies and TV shows.
It is even possible to decode standard stereo signals like music or non encoded movies.
Furthermore, it is an active process designed to enhance sound localization through the use of very
high-separation decoding techniques.
The Dolby
® Pro Logic II® decoder is also able to emulate the former Dolby® Pro Logic® decoder
in a specific mode.
4.6
Bass Management
This processing will generate the subwoofer signal and adjust all loudspeakers channels gain and
bandwidth.
Speakers capable of reproducing the entire frequency range will be referred to as “full range
speakers”, then signals sent to full range speaker will be full bandwidth (no filtering).
Speakers that have limited bass handling capabilities will be referred to as “satellite speakers”, then
signals sent to satellite speaker will be high-pass filtered to remove bass information below 100 Hz.
In the STV82x8, five output configuration modes have been implemented according to “Dolby
Digital Consumer Decoder” specifications. They are described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com