Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 59Page - STMicroelectronics STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics STV82X8 Datasheet HTML 64Page - STMicroelectronics STV82X8 Datasheet HTML 65Page - STMicroelectronics STV82X8 Datasheet HTML 66Page - STMicroelectronics STV82X8 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
63/157
STV82x8
Register List
CRF1
Channel 1 Baseband PLL Demodulator Offset
CETH1
Channel 1 FM Carrier Level Threshold
SQTH1
Channel 1 FM Squelch Threshold Register
Address: 1Fh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CRF1[7:0]
Bit Name
Reset
Function
CRF1[7:0]
(00000000) Channel 1 Carrier Recovery Frequency
Displays the instantaneous frequency offset of the Channel 1 Baseband PLL Demodulator.
Address: 20h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CETH1[7:0]
Bit Name
Reset
Function
CETH1[7:0]
00100000
This register is used to compare the carrier level in the channel and the threshold value. This
level is measured after the channel filter and is relative to the full scale reference level (0 dB).
This is used as part of the validation of an FM signal, if the carrier level is below the threshold,
the signal is considered to be non-valid. Recommended value is 10h.
CETH
Threshold (dB)
CETH
Threshold (dB)
FFh
-6
10h
-32 (Recommended Value)
80h
-12
08h
-38
40h
-18
00h
OFF (all carrier levels are accepted)
20h
-24 (Default)
Address: 21h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SQTH1[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com