Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 11Page - STMicroelectronics STV82X8 Datasheet HTML 12Page - STMicroelectronics STV82X8 Datasheet HTML 13Page - STMicroelectronics STV82X8 Datasheet HTML 14Page - STMicroelectronics STV82X8 Datasheet HTML 15Page - STMicroelectronics STV82X8 Datasheet HTML 16Page - STMicroelectronics STV82X8 Datasheet HTML 17Page - STMicroelectronics STV82X8 Datasheet HTML 18Page - STMicroelectronics STV82X8 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
15/157
STV82x8
General Description
1.2
Typical Applications
The STV82x8 is specified to enable flexible, analog and digital TV chassis design (refer to Figure 5,
Figure 6, Figure 7 and Figure 8).
The main considerations are:
●
all necessary connections between devices can be provided through the TV set,
●
pseudo stand-by mode used to copy to VCR or the DVD sources when the TV set is OFF,
●
pin compatibility with previous STV82x7 (TQFP80 package) TV design.
The STV82x8 can be used to process dual audio sources (one analog and one digital in parallel).
Note:
Headphone and loudspeakers can be used simultaneously for dual-language purpose. In this case,
certain restrictions occur (see Section 4.2: Audio Processing).
For more connections, the SCART-to-SCART path can be used. The use of these full analog paths
implies that the sound is not digitally processed.
Figure 5: STV8238 Typical Application (Enhanced Stereo)
or
Tuner
STV8238
Demodulation
Sound Processing
- Volume, Balance, 5-Band Equalizer
- ST OmniSurround
Left Right
- BTSC stereo & SAP
- SRS
® WOW™
R
SubW
L
4 x SCART
(TQFP100)
I²S In and Out (TQFP100)
I²S In or Out (TQFP80)
4 x SCART
(TQFP100)
S/PDIF
Output & Pass-thru



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com