Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 9Page - STMicroelectronics STV82X8 Datasheet HTML 10Page - STMicroelectronics STV82X8 Datasheet HTML 11Page - STMicroelectronics STV82X8 Datasheet HTML 12Page - STMicroelectronics STV82X8 Datasheet HTML 13Page - STMicroelectronics STV82X8 Datasheet HTML 14Page - STMicroelectronics STV82X8 Datasheet HTML 15Page - STMicroelectronics STV82X8 Datasheet HTML 16Page - STMicroelectronics STV82X8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
13/157
STV82x8
General Description
1.1
STV82x8 Overview
1.1.1
Core Features
● Single audio source processing:
— IF source and/or analog stereo input (SCART)
— one digital source with a maximum of 6 synchronous channels (5.1 is obtained across three
I²S)
● SIF input signal with Automatic Gain Control (AGC)
● BTSC and SAP demodulator, FM Mono
● Audio processor working at 48 kHz with specific features:
— For loudspeakers (L, R, LS, RS, SubW, C):
Dolby
® Pro Logic II ® decoder with bass management
SRS
® WOW™ or TruSurround XT™ including Virtual Dolby® Surround and Virtual Dolby®
Digital
ST WideSurround
ST OmniSurround
ST Dynamic Bass / ST Bass Enhancer
5-band equalizer or bass / treble controls
Loudness
Smart Volume Control
Volume/balance/soft-mute
Three different types of bips
Video processing delay compensation
— For headphones:
SRS
® TruBass™
ST Dynamic Bass
Smart Volume Control
Bass / treble controls
Loudness
Volume/balance/soft-mute
Three different types of bips
Video processing delay compensation
● Shared outputs for headphone and certain loudspeakers (surround channels);
● Analog matrix with:
— Five external inputs:
Four SCART inputs (2 VRMS capable)
One analog mono input (0.5 VRMS)
— One internal input from a digital matrix via a DAC
— Three external outputs (2 VRMS capable)
— One internal output for the digital matrix (using an internal ADC)
● Digital matrix with:
— Three input modes (demodulator/SCART, SCART only and I²S)
— Three stereo outputs (loudspeakers, headphone and SCART)
● High-end audio DAC
● S/PDIF output for connection with an external amplifier/decoder
● Internal multiplexer for the S/PDIF output (to share the internal S/PDIF output and the S/PDIF
output generated by the external decoder of the digital broadcast)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com