Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 94Page - STMicroelectronics STV82X8 Datasheet HTML 95Page - STMicroelectronics STV82X8 Datasheet HTML 96Page - STMicroelectronics STV82X8 Datasheet HTML 97Page - STMicroelectronics STV82X8 Datasheet HTML 98Page - STMicroelectronics STV82X8 Datasheet HTML 99Page - STMicroelectronics STV82X8 Datasheet HTML 100Page - STMicroelectronics STV82X8 Datasheet HTML 101Page - STMicroelectronics STV82X8 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 157 page
background image
Register List
STV82x8
98/157
PRO_LOGIC2_CONFIG
Dolby ProLogic 2 Configuration
PRO_LOGIC2_DIMENSION
Dolby ProLogic 2 Dimension
Bit Name
Reset
Function
PL2_LFE
0
0:
Reset the LFE channel
1:
Bypass the LFE channel
PL2_OUTPUT_DO
WNMIX[2:0]
000
000:
not applicable
100:
2/1 output mode (L,R,Ls - phantom)
001:
not applicable
101:
3/1 output mode (L,R,C,Ls)
010:
not applicable
110:
2/2 output mode (L,R,Ls,Rs - phantom)
011:
3/0 output mode (L,R,C)
111:
3/2 output mode (L,R,C,Ls,Rs)
PL2_MODES[2:0]
000
000:
Pro Logic 1 Emulation
100:
Matrix
001:
Virtual
101:
Custom
010:
Music
110:
not applicable
011:
Movie (standard)
111:
not applicable
PL2_ACTIVE
0
0:
Dolby Prologic 2 is not active
1:
Dolby Prologic 2 is active
Address: B1h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
PL2_SRND_FILTER[1:0]
PL2_RS_POL
ARITY
PL2_PANORA
MA
PL2_AUTOBA
LANCE
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
PL2_SRND_FILTE
R[1:0]
00
00: Off
01: Shelf
10: 7-kHz LP
11: not applicable
PL2_RS_POLARIT
Y
0
0:
Rs polarity normal
1:
Rs polarity inverted
PL2_PANORAMA
0
0:
Panorama Off
1:
Panorama On
PL2_AUTOBALAN
CE
0
0:
Autobalance Off
1:
Autobalance On
Address: B2h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PL2_C_WIDTH
0
PL2_DIMENSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com