Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 97Page - STMicroelectronics STV82X8 Datasheet HTML 98Page - STMicroelectronics STV82X8 Datasheet HTML 99Page - STMicroelectronics STV82X8 Datasheet HTML 100Page - STMicroelectronics STV82X8 Datasheet HTML 101Page - STMicroelectronics STV82X8 Datasheet HTML 102Page - STMicroelectronics STV82X8 Datasheet HTML 103Page - STMicroelectronics STV82X8 Datasheet HTML 104Page - STMicroelectronics STV82X8 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
101/157
STV82x8
Register List
TRUSRND_CONTROL
SRS TruSurround Control
TRUSRND_DC_ELEVATION
Set Dialog Clarity Level
Address: B7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIALOG_CLA
RITY_ON
HEADPHONE
_ON
TRUSRND_INPUT_ MODE[3:0]
TRUSRND_BY
PASS
TRUSRND_O
N
Bit Name
Reset
Function
DIALOG_CLARITY
_ON
0
0:
Dialog Clarity OFF
1:
Dialog Clarity ON
Note: The Dialog Clarity Level is set in register 0xB8: TRUSRND_DC_ELEVATION
HEADPHONE_ON
0
Process the sound espacialy for Headphone. This option must be selected only if the TruSurround
sound is redirected to the headphone output thanks to the HP channel matrix.
0:
Standard mode for Loudspeaker output
1:
Headphone mode for Headphone output only
TRUSRND_INPUT_
MODE[3:0]
0000
0000:
Mono on Center channel
0001:
Mono on Left channel
0010:
L/R stereo (SRS mode)
0011:
L/R/S (SRS mode, Prologic 1 Process)
0100:
L/R/Ls/Rs (SRS mode)
0101:
L/R/C (TruSurround mode)
0110:
L/R/C/S (TruSurround mode, Prologic 1 Process)
0111:
L/R/C/Ls/Rs (TruSurround mode)
1000:
Lt/Rt (TruSurround mode)
1001:
L/R/C/Ls/Rs (SRS mode, BS Digital Broadcast)
1010:
L/R/C/Ls/Rs (TruSurround, Prologic 2 Music mode)
TRUSRND_BYPAS
S
0
Bypass the TruSurround effect by applying a simple donwmix on input channels.
0:
TruSurround mode
1:
Bypass mode (downmix to 2 channels)
TRUSRND_ON
0
0:
TruSurround OFF
1:
TruSurround ON
Address: B8h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRUSRND_DC_ELEVATION[7:0]
Bit Name
Reset
Function
TRUSRND_DC_EL
EVATION[7:0]
0000
1100
Dialog Clarity Elevation:
0000 0000:
0 dB
0000 0001:
-0.5 dB
...
1111 1111:
-127.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com