Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 99Page - STMicroelectronics STV82X8 Datasheet HTML 100Page - STMicroelectronics STV82X8 Datasheet HTML 101Page - STMicroelectronics STV82X8 Datasheet HTML 102Page - STMicroelectronics STV82X8 Datasheet HTML 103Page - STMicroelectronics STV82X8 Datasheet HTML 104Page - STMicroelectronics STV82X8 Datasheet HTML 105Page - STMicroelectronics STV82X8 Datasheet HTML 106Page - STMicroelectronics STV82X8 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
103/157
STV82x8
Register List
TRUBASS_HP_CONTROL
SRS TruBass for HP Configuration
TRUBASS_HP_LEVEL
SRS TruBass for HP Level
Bit Name
Reset
Function
TRUBASS_LS_LEV
EL[7:0]
0000
1001
Define the amount of SRS TruBass effect for LS outputs:
0000 0000:
0dB
0000 0001:
-0.5dB
...
1111 1111:
-127.5dB
Address: BCh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRS_TSXT_G
AIN_ON
0
0
0
TRUBASS_HP_SIZE[2:0]
TRUBASS_HP
_ON
Bit Name
Reset
Function
SRS_TSXT_GAIN_
ON
0
Apply the TruSurround Gain (register 0xB9) to the TruBass input block. This gain must be applied
only if the TruSurround signal have been redirected to the TruBass HP thanks to the HP Channel
Matrix.
0:
TSXT input gain is not applied
1:
TSXT input gain is applied. (this configuration must be used if the LS signal processed with
TSXT is redirected to the HP channel)
Bits[6:3]
000
Reserved.
TRUBASS_HP_SIZ
E[2:0]
011
000:
LF response at 40 Hz
100:
LF response at 200 Hz
001:
LF response at 60 Hz
101:
LF response at 250 Hz
010:
LF response at 100 Hz
110:
LF response at 300 Hz
011:
LF response at 150 Hz
111:
LF response at 400 Hz
TRUBASS_HP_ON
0
0:
HP TruBass OFF
1:
HP TruBass ON
Address: BDh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRUBASS_HP_LEVEL[7:0]
Bit Name
Reset
Function
TRUBASS_HP_LE
VEL[7:0]
0000
1001
Define the amount of SRS TruBass effect for HP outputs:
0000 0000:
0dB
0000 0001:
-0.5dB
...
1111 1111:
-127.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com