Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 28Page - STMicroelectronics STV82X8 Datasheet HTML 29Page - STMicroelectronics STV82X8 Datasheet HTML 30Page - STMicroelectronics STV82X8 Datasheet HTML 31Page - STMicroelectronics STV82X8 Datasheet HTML 32Page - STMicroelectronics STV82X8 Datasheet HTML 33Page - STMicroelectronics STV82X8 Datasheet HTML 34Page - STMicroelectronics STV82X8 Datasheet HTML 35Page - STMicroelectronics STV82X8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x8
32/157
4.12
Automatic Loudness Control
As the human ear does not hear the audio frequency range the same way depending on the power
of the audio source, the Loudness Control corrects this effect by sensing the volume level and then
boosting bass and treble frequencies proportionally to middle frequencies at lower volume.
While maintaining the amplitude of the 1 kHz components at an approximately constant value, the
gain values of lower and higher frequencies are automatically progressively amplified up to +18 dB
when the audio volume level decreases.The maximum treble amplification can be adjusted from
0 dB (first order loudness) to +18 dB (second order loudness) in steps of 0.125 dB. As the volume is
proportional to the external audio amplification power, the loudness amplification threshold is
programmable in order to tune the absolute level. The Loudspeakers Loudness function is enabled
by setting the LS_LOUD_ON bit in register LS_LOUDNESS. The Loudspeakers Loudness
Threshold and Maximum Treble Gain values are also programmed in this register. The Headphone
Loudness function is enabled by setting the HP_LOUD_ON bit in register HP_LOUDNESS. The
Headphone Loudness Threshold and Maximum Treble Gain values are also programmed in this
register.
The loudness cut-off frequency is 100 Hz.
4.13
Volume/Balance Control
The STV82x8 provides a Volume/Balance Control for all output channels configuration (except for
S/PDIF) with different volume level per channel (L, R, C, LS, RS, SubW, SCART). Its wide range
(from +11.875 to -116 dB, in a dB linear scale with a 0.125 dB step) largely covers typical home
applications (approx. 60 dB) while maintaining a good S/N ratio.
An extra Master Volume Control can apply an extra gain/attenuation on L, R, C, LS, RS and SubW
channels.
The Volume/Balance Control can operate in one of two different modes:
● In Differential mode (default value), the volume control is a common volume value for both the
Left and Right Loudspeakers or Headphone channels (see Figure 19) and complimentary
balance control is used (see Figure 20).
Figure 19: Volume Control
+11.875 dB
-116 dB
Mute
00h
3FFh
I²C Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com