Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 14Page - STMicroelectronics STV82X8 Datasheet HTML 15Page - STMicroelectronics STV82X8 Datasheet HTML 16Page - STMicroelectronics STV82X8 Datasheet HTML 17Page - STMicroelectronics STV82X8 Datasheet HTML 18Page - STMicroelectronics STV82X8 Datasheet HTML 19Page - STMicroelectronics STV82X8 Datasheet HTML 20Page - STMicroelectronics STV82X8 Datasheet HTML 21Page - STMicroelectronics STV82X8 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
System Clock
STV82x8
18/157
2
System Clock
The System Clock integrates 2 independent frequency synthesizers.
The first frequency synthesizer is used by the demodulator at a frequency of 24.576 MHz.
The second frequency synthesizer is used by the DSP core and can be adjusted between 100 and
150 MHz depending on the application.
The default values are designed for a standard 27-MHz reference frequency provided by a stable
single crystal oscillator or an external differential clock signal (for example, from the STV35x0)
depending on the CLK_SEL pin configuration (CLK_SEL = 1 means a single crystal oscillator, 0
means an external differential clock).
The 27-MHz value is the recommended frequency for minimizing potential RF interference in the
application. The sinusoidal clock frequency, and any harmonic products, remain outside the TV
picture and sound IFs (PIF/SIF) and Band-I RF.
Note:
A change in the reference frequency is compatible with other default I²C programming values,
including those of the built-in Automatic Standard Recognition System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com