Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 56Page - STMicroelectronics STV82X8 Datasheet HTML 57Page - STMicroelectronics STV82X8 Datasheet HTML 58Page - STMicroelectronics STV82X8 Datasheet HTML 59Page - STMicroelectronics STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics STV82X8 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
Register List
STV82x8
60/157
AGC_GAIN
IF AGC Control and Status Register
Note:
When AGC_CMD = 0, AGC_ERR[4:0] can be read -- indicating the input level. It can also be written
to -- presetting the AGC level which will then adjust itself to the final value.
When AGC_CMD = 1, the AGC is off and writing to AGC_ERR[4:0] directly controls the AGC
amplifier gain. Reading AGC_ERR just confirms the fixed value.
DC_ERR_IF
DC Offset Status for IF ADC
Address: 0Fh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
AGC_ERR[4:0]
SIG_OVER
SIG_UNDER
Bit Name
Reset
Function
Bit 7
0
Reserved.
AGC_ERR[4:0]
00000
Amplifier Gain Control
This is the Gain Control value of AGC. There are 20 steps of +1.5 dB (see Note below).
00000: Gain-min
10100: Gain-min + 30 dB
11111: Gain-min + 30 dB
SIG_OVER
0
AGC Input SIgnal Upper Threshold
0: Normal signal
1: Signal too large and AGC is overloaded
SIG_UNDER
0
AGC Input SIgnal Lower Threshold
0: Normal signal
1: Signal too small and AGC is underloaded
When the AGC is in Automatic mode (AGC_CMD = 0), bits SIG_OVER and SIG_UNDER indicate
if the input signal is too small/large and the AGC is under/overloaded. This is useful when setting
the STV82x7 SIF input level.
Address: 10h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DC_ERR[7:0]
Bit Name
Reset
Function
DC_ERR[7:0]
00000000
DC offset error of IF ADC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com