Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 55Page - STMicroelectronics STV82X8 Datasheet HTML 56Page - STMicroelectronics STV82X8 Datasheet HTML 57Page - STMicroelectronics STV82X8 Datasheet HTML 58Page - STMicroelectronics STV82X8 Datasheet HTML 59Page - STMicroelectronics STV82X8 Datasheet HTML 60Page - STMicroelectronics STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 157 page
background image
59/157
STV82x8
Register List
Note:
These registers allow direct access to the demodulator signal detectors.
AGC_CTRL
IF AGC Control Register
Bit Name
Reset
Function
Bits [7:2]
000
Reserved.
FM1_CAR
0
Channel 1 FM Carrier Detector Flag
0: Not detected
1: Detected
FM1_SQ
0
Channel 1 FM Squelch Detector Flag
0: Not detected
1: Detected
Address: 0Eh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
IF_SELECT
AGC_REF[2:0]
AGC_CST[1:0]
Bit Name
Reset
Function
Bits[7:5]
00
Reserved.
IF_SELECT
0
Selection of the IF input.
0: IF input SIF 1
1: IF input SIF 2
AGC_REF[2:0]
100
This bitfield is used to defines the clipping level which adjusts the allowable proportion of samples
at the input of the ADC which will be clipped. The AGC tries to maximize the use of the full scale
range of the ADC. The default setting gives a ratio of 1/256.
Clipping Ratio
Clipping Ratio
000:
1/16 (Single carrier)
100:
1/256 (Default)
001:
1/32
101:
1/512
010:
1/64
110:
1/1024
011:
1/128
111:
1/2048 (Multiple carriers)
AGC_CST[1:0]
01
AGC Time Constant
This is the time constant between each step of 1.5 dB by the AGC.
Step Duration (ms)
00
1.33
01
2.66
10
5.33
11
10.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com