Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 93Page - STMicroelectronics STV82X8 Datasheet HTML 94Page - STMicroelectronics STV82X8 Datasheet HTML 95Page - STMicroelectronics STV82X8 Datasheet HTML 96Page - STMicroelectronics STV82X8 Datasheet HTML 97Page - STMicroelectronics STV82X8 Datasheet HTML 98Page - STMicroelectronics STV82X8 Datasheet HTML 99Page - STMicroelectronics STV82X8 Datasheet HTML 100Page - STMicroelectronics STV82X8 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
97/157
STV82x8
Register List
AV_DELAY_TIME_LS
AV Delay LS Configuration
AV_DELAY_TIME_HP
AV Delay HP Configuration
Note:
The sum of AV_DELAY_TIME_LS and AV_DELAY_TIME_HP must not exceed:
• 177 (116.82 ms) if DOLBY_DELAY_ON = 0
• 100 (66.66 ms) if DOLBY_DELAY_ON = 1
PRO_LOGIC2_CONTROL
Dolby ProLogic 2 Mode Configuration
Address: AEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AV_DELAY_TIME_LS[7:0]
Bit Name
Reset
Function
AV_DELAY_TIME_
LS[7:0]
0000
0000
Set the delay time for LS channel.
0000 0000:
0 ms
0000 0001:
0.66 ms
...
1011 0001:
116.82 ms (max)
Note: this value must be updated when AV_DELAY_ON = 0..
Address: AFh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AV_DELAY_TIME_HP[7:0]
Bit Name
Reset
Function
AV_DELAY_TIME_
HP[7:0]
0000
0000
Set the delay time for HP channel.
0000 0000:
0 ms
0000 0001:
0.66 ms
...
1011 0001:
116.82 ms (max)
Note: this value must be updated when AV_DELAY_ON = 0..
Address: B0h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PL2_LFE
PL2_OUTPUT_DOWNMIX[2:0]
PL2_MODES[2:0]
PL2_ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com