Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 61Page - STMicroelectronics STV82X8 Datasheet HTML 62Page - STMicroelectronics STV82X8 Datasheet HTML 63Page - STMicroelectronics STV82X8 Datasheet HTML 64Page - STMicroelectronics STV82X8 Datasheet HTML 65Page - STMicroelectronics STV82X8 Datasheet HTML 66Page - STMicroelectronics STV82X8 Datasheet HTML 67Page - STMicroelectronics STV82X8 Datasheet HTML 68Page - STMicroelectronics STV82X8 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
65/157
STV82x8
Register List
STEREO_CONF
BTSC Stereo Configuration
STEREO_FSM_CONF
BTSC Finite State Machine Configuration
Address:43h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOCK_TH_STE[7:4]
LOOP_GAIN[1:0]
FREQ_PIL
RESET
Bit Name
Reset
Function
LOCK_TH_STE[
7:4]
0011
BTSC Lock Stereo Threshold
LOOP_GAIN[1:0]
10
Gain of Stereo PLL
00: Gain * 4
01: Gain * 2
10: Gain (Default)
11: Gain / 2
FREQ_PIL
0
Pilot Frequency Selection
0: 15.625-15.734 kHz
1: Reserved
RESET
0
Stereo Reset
1: Reset Active
Address:44h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
BYPASS
FSM_OFF
GAIN_INI[2:0]
STE_DEM
Bit Name
Reset
Function
BIT[7:6]
00
Reserved.
BYPASS
0
Bypass of the Stereo Block
0: Stereo Block is On
1: Stereo Block is Bypassed
FSM_OFF
0
FSM Switch Off
0: FSM is On
1: FSM is Off. Gain set by I²C
GAIN_INI[2:0]
111
Initial loop gain for FSM
STE_DEM
0
Stereo dematrix inside the stereo block (before DBX)
1: reset active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com